Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5904 Datasheet HTML 10Page - Analog Devices ADL5904 Datasheet HTML 11Page - Analog Devices ADL5904 Datasheet HTML 12Page - Analog Devices ADL5904 Datasheet HTML 13Page - Analog Devices ADL5904 Datasheet HTML 14Page - Analog Devices ADL5904 Datasheet HTML 15Page - Analog Devices ADL5904 Datasheet HTML 16Page - Analog Devices ADL5904 Datasheet HTML 17Page - Analog Devices ADL5904 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
ADL5904
Data Sheet
Rev. B | Page 14 of 27
20
2.4
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40 –35 –30 –25 –20 –15
15
–10
10
–5
5
0
–40°C
+25°C
+85°C
+105°C
PIN (dBm)
Figure 27. VRMS and Log Conformance Error vs. Input Level (PIN) for Various
Temperatures at 5.8 GHz
0
5
10
15
20
25
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
VRMS (V)
Figure 28. Distribution of VRMS, PIN = 10 dBm, 900 MHz
0
2
4
6
8
10
12
14
34.0
34.5
35.0
35.5
36.0
36.5
37.0
37.5
38.0
38.5
SLOPE (mv/dB)
Figure 29. Distribution of Slope at 900 MHz, Intercept Calculated Using VRMS
at 0 dBm and 10 dBm
20
2.4
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40 –35 –30 –25 –20 –15
15
–10
10
–5
5
0
–40°C
+25°C
+85°C
+105°C
Figure 30. Distribution of Log Conformance Error with Respect to Calibration
at 25°C vs. Input Level (PIN) for Various Temperatures at 5.8 GHz
0
5
10
15
20
25
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
VRMS (V)
Figure 31. Distribution of VRMS, PIN = −10 dBm, 900 MHz
0
2
4
6
8
10
12
14
16
18
–37.0 –36.5 –36.0 –35.5 –35.0 –34.5 –34.0 –33.5 –33.0 –32.5
INTERCEPT (dBm)
Figure 32. Distribution of Intercept at 900 MHz, Slope Calculated Using VRMS
at 0 dBm and 10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com