Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5904 Datasheet HTML 6Page - Analog Devices ADL5904 Datasheet HTML 7Page - Analog Devices ADL5904 Datasheet HTML 8Page - Analog Devices ADL5904 Datasheet HTML 9Page - Analog Devices ADL5904 Datasheet HTML 10Page - Analog Devices ADL5904 Datasheet HTML 11Page - Analog Devices ADL5904 Datasheet HTML 12Page - Analog Devices ADL5904 Datasheet HTML 13Page - Analog Devices ADL5904 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ADL5904
Data Sheet
Rev. B | Page 10 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
VPOS = 3.3 V, CRMS = 10 nF, Input levels referred to 50 Ω source. Input RF signal is a sine wave (CW), unless otherwise indicated.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–40 –35 –30 –25 –20 –15 –10
–5
0
5
10
15
20
10MHz
30MHz
100MHz
900MHz
1900MHz
2600MHz
3500MHz
5800MHz
PIN (dBm)
Figure 3. VRMS vs. Input Level (PIN) for Various Frequencies
(30 MHz to 6 GHz) at 25°C
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
PIN (dBm)
CW
16 QAM PEP = 6.38dB
64 QAM PEP = 7.03dB
QPSK PEP = 4.02dB
CALIBRATION AT –20dBm, 0dBm, AND +10dBm
Figure 4. VRMS and Error from CW Linear Reference vs. Input Level and Signal
Modulation (QPSK, 16 QAM, 64 QAM), Frequency = 900 MHz,
CRMS = 1 µF (PEP Is Peak Envelope Power)
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
CW
4 CARRIER CDMA PEP = 12.03dB
1 CARRIER CDMA PEP = 10.56dB
PIN (dBm)
CALIBRATION AT –20dBm, 0dBm, AND +10dBm
Figure 5. VRMS and Error from CW Linear Reference vs. Input Level and Signal
Modulation (One-Carrier W-CDMA, Four-Carrier W-CDMA),
Frequency = 2.14 GHz, CRMS = 1 µF
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
FREQUENCY (GHz)
PIN = +10dBm
PIN = 0dBm
PIN = –10dBm
PIN = –20dBm
PIN = –30dBm
Figure 6. VRMS vs. Frequency for Four Input Levels (10 MHz to 6 GHz)
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
CW
16 QAM PEP = 6.38dB
64 QAM PEP = 7.03dB
QPSK PEP = 4.02dB
PIN (dBm)
CALIBRATION AT –20dBm, 0dBm, AND +10dBm
Figure 7. VRMS and Error from CW Linear Reference vs. Input Level and Signal
Modulation (QPSK, 16 QAM, 64 QAM), Frequency = 2.14 GHz, CRMS = 1 µF
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
PIN (dBm)
CW
LTE TM1 1-CARRIER 20MHz PEP = 11.58dB
CALIBRATION AT –20 dBm, 0 dBm, AND +10dBm
Figure 8. VRMS and Error from CW Linear Reference vs. Input Level and Signal
Modulation (LTE TM1 One-Carrier, 20 MHz),
Frequency = 2.14 GHz, CRMS = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com