Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5904 Datasheet HTML 19Page - Analog Devices ADL5904 Datasheet HTML 20Page - Analog Devices ADL5904 Datasheet HTML 21Page - Analog Devices ADL5904 Datasheet HTML 22Page - Analog Devices ADL5904 Datasheet HTML 23Page - Analog Devices ADL5904 Datasheet HTML 24Page - Analog Devices ADL5904 Datasheet HTML 25Page - Analog Devices ADL5904 Datasheet HTML 26Page - Analog Devices ADL5904 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
ADL5904
Rev. B | Page 23 of 27
Table 6. Recommended Typical Values for Threshold Voltage (VIN−) When Operating Uncalibrated1
Input Threshold
Power (dBm)
Threshold Voltage (mV)
10 MHz
30 MHz
100 MHz
900 MHz
1900 MHz
2600 MHz
3500 MHz
5800 MHz
−25.0
18
18
18
17
16
17
12
N/A
−24.0
19
19
20
18
17
18
13
N/A
−23.0
21
21
22
20
19
20
14
N/A
−22.0
23
23
24
22
21
22
15
N/A
−21.0
25
25
26
25
23
24
17
N/A
−20.0
28
28
29
27
26
26
19
11
−19.0
31
31
32
31
29
29
21
12
−18.0
34
34
35
34
32
32
23
13
−17.0
37
38
39
38
36
35
25
14
−16.0
41
42
43
42
40
39
28
16
−15.0
47
47
48
47
45
44
31
17
−14.0
52
52
53
52
50
49
35
19
−13.0
58
58
59
58
56
54
39
21
−12.0
64
64
66
65
62
60
44
23
−11.0
71
72
73
72
70
68
49
26
−10.0
80
80
81
81
78
76
55
29
−9.0
88
89
90
90
87
84
61
32
−8.0
98
99
101
101
97
94
69
36
−7.0
110
111
112
112
109
105
77
40
−6.0
123
123
125
125
122
118
87
45
−5.0
137
137
139
139
136
132
98
51
−4.0
154
153
155
155
153
148
110
57
−3.0
172
172
173
173
171
167
124
64
−2.0
193
192
193
193
192
186
140
73
−1.0
214
214
216
216
215
210
158
81
0.0
240
238
239
241
241
236
177
92
1.0
269
266
268
272
270
266
200
104
2.0
300
298
300
304
303
298
226
119
3.0
336
334
336
340
341
337
255
135
4.0
376
374
377
380
383
380
289
153
5.0
421
419
421
425
431
425
327
175
6.0
472
466
471
477
485
481
370
199
7.0
529
522
528
534
543
544
419
225
8.0
592
585
591
598
611
610
474
257
9.0
664
652
663
670
688
690
537
293
10.0
743
723
742
752
774
775
608
334
11.0
858
844
830
842
871
875
684
381
12.0
939
957
927
942
976
982
774
434
13.0
1078
1072
1005
1047
1066
1061
876
495
14.0
N/A
N/A
N/A
N/A
N/A
N/A
N/A
564
15.0
N/A
N/A
N/A
N/A
N/A
N/A
N/A
642
1
N/A means not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com