Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5904 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5904
Description  DC to 6 GHz, 45 dB TruPwr Detector with Envelope Threshold Detection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5904 Datasheet HTML 17Page - Analog Devices ADL5904 Datasheet HTML 18Page - Analog Devices ADL5904 Datasheet HTML 19Page - Analog Devices ADL5904 Datasheet HTML 20Page - Analog Devices ADL5904 Datasheet HTML 21Page - Analog Devices ADL5904 Datasheet HTML 22Page - Analog Devices ADL5904 Datasheet HTML 23Page - Analog Devices ADL5904 Datasheet HTML 24Page - Analog Devices ADL5904 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
ADL5904
Rev. B | Page 21 of 27
BASIC CONNECTIONS FOR THRESHOLD DETECTION
VPOS
3.3V
THRESHOLD
VOLTAGE
INPUT
RESET
INPUT
CALIBRATION
VOLTAGE OUTPUT
4.02Ω
100nF
100pF
0.1µF
ENABLE/
DISABLE
R
ENVELOPE
DETECTOR
RMS
+
–
Q
S
ADL5904
VPOS
GND
VRMS
RST
Q
RFIN
470nF
VIN–
DECL
82.5Ω
ENBL
CRMS
VCAL
Q
1
11
DNC
2
3
6
8
14
5
7
12
13
Q
Q
Q
10
9
4
16
15
RFIN
Figure 49. Basic Connections for Threshold Detection
Figure 49 shows the basic connections for operating the ADL5904
in threshold detection mode. A threshold voltage is applied to the
VIN− input that corresponds to the RF power level at which the
circuit trips. When the level on RFIN drives the envelope detector
to an output voltage that exceeds the programmed threshold, the
comparator output goes high causing the Q output to latch high
and the Q output to latch low. The levels on Q and Q can be
reset by setting the RST pin high (note that the RST function is
level triggered, not edge triggered). Q and Q are held at low and
high states respectively as long as RST is high, even if the RF input
level is exceeding the programmed threshold voltage. RST must
be taken low for the threshold detection circuit to reactivate.
Q AND Q RESPONSE TIME
Figure 50 shows the response of the Q output when the input
power exceeds the programmed threshold by approximately
1 dB. The response time from the input power exceeding the
threshold to the Q output reaching 50% of its final value is
approximately 12 ns
CH2 1.0V
M10ns 20GS/s
A CH2
1.52V
2
3
Ω
CH3 100mV Ω
Figure 50. Q Output Response at 900 MHz, PIN = Off to −9 dBm, Overdrive
Threshold Voltage Set to Trigger at −10 dBm (Overdrive Level = 1 dB)
The response time of the Q and Q outputs is somewhat dependent
on the level of overdrive with higher overdrive levels, giving a
slightly faster response time. Figure 51 shows the response of
the Q output when the RF input level overdrives the threshold
by 5 dB, which reduces the response time to approximately 12 ns.
Overdrive levels beyond 5 dB tend not to reduce the response
time below this level. Capacitive loading on Q and Q also affects
the response time, as shown in Figure 35.
CH2 1.0V
M10ns 20GS/s
A CH2
400mV
2
3
Ω
CH3 200mV Ω
Figure 51. Q Output Response, PIN = Off to −5 dBm, Overdrive Threshold
Voltage Set to Trigger at −10 dBm (Overdrive Level = 5 dB, VIN− = 75 mV)
Figure 52 shows the response of the Q output, which goes low
when the input threshold is exceeded. As shown in Figure 52, the
response time of Q is equal to that of the Q output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com