Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5906 Datasheet HTML 12Page - Analog Devices ADL5906 Datasheet HTML 13Page - Analog Devices ADL5906 Datasheet HTML 14Page - Analog Devices ADL5906 Datasheet HTML 15Page - Analog Devices ADL5906 Datasheet HTML 16Page - Analog Devices ADL5906 Datasheet HTML 17Page - Analog Devices ADL5906 Datasheet HTML 18Page - Analog Devices ADL5906 Datasheet HTML 19Page - Analog Devices ADL5906 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Data Sheet
ADL5906
THEORY OF OPERATION
analog.com
Rev. B | 16 of 30
The ADL5906 is functionally nearly identical to the ADL5906 but
has a broader frequency range (10 MHz to 10 GHz). It is a true
rms responding detector with a 67 dB measurement range at 2.14
GHz and a greater than 57 dB measurement range at frequencies
up to 5.8 GHz. It is pin compatible with the ADL5902 and AD8363.
Transfer function peak-to-peak ripple is <±0.3 dB over the entire
dynamic range. Temperature stability of the rms output measure-
ments provides <±1 dB error typical over the temperature range of
−40°C to +125°C up to 3.5 GHz. The device accurately measures
waveforms that have a high peak-to-rms ratio (crest factor).
The ADL5906 consists of a high performance automatic gain con-
trol (AGC) loop. As shown in Figure 41, the AGC loop comprises a
wide bandwidth variable gain amplifier (VGA), square law detectors,
an amplitude target circuit, and an output driver.
The nomenclature used in this data sheet to distinguish between a
pin name and the signal on that pin is as follows:
The pin name is all uppercase, for example, CRMS, VSET, and
VRMS.
The signal name or a value associated with that pin is the pin
mnemonic with a partial subscript, for example, CRMS, VSET, and
VRMS.
SQUARE LAW DETECTOR AND AMPLITUDE
TARGET
The VGA gain has the form
GSET = GO e− (VSET/VGNS)
(1)
where:
GO is the basic fixed gain.
VGNS is a scaling voltage that defines the gain slope (the decibel
change per voltage). The gain decreases with increasing VSET.
The VGA output is
VSIG = GSET × RFIN = GO × RFIN e− (VSET/VGNS)
(2)
where RFIN is the ac voltage applied to the input terminals of the
ADL5906.
The output of the VGA, VSIG, is applied to a wideband square
law detector. The detector provides the true rms response of the
RF input signal, independent of waveform. The detector output,
ISQR, is a fluctuating current with a positive mean value. The
difference between ISQR and an internally generated current, ITGT,
is integrated by the parallel combination of CF and the external
capacitor attached to the CRMS pin at the summing node. CF is an
on-chip 26 pF filter capacitor, and CRMS, the external capacitance
connected to the CRMS pin, can be used to arbitrarily increase the
averaging time while trading off with the response time. When the
AGC loop is at equilibrium
Mean(ISQR) = ITGT
(3)
This equilibrium occurs only when
Mean(VSIG2) = VTGT2
(4)
where VTGT is the voltage presented at the VTGT pin. This pin
can conveniently be connected to the VREF pin through a voltage
divider to establish a target rms voltage, VATG, of ~40 mV rms when
VTGT = 0.8 V.
Because the square law detectors are electrically identical and
well matched, process and temperature dependent variations are
effectively cancelled.
Figure 41. Simplified Architecture Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com