Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5906 Datasheet HTML 16Page - Analog Devices ADL5906 Datasheet HTML 17Page - Analog Devices ADL5906 Datasheet HTML 18Page - Analog Devices ADL5906 Datasheet HTML 19Page - Analog Devices ADL5906 Datasheet HTML 20Page - Analog Devices ADL5906 Datasheet HTML 21Page - Analog Devices ADL5906 Datasheet HTML 22Page - Analog Devices ADL5906 Datasheet HTML 23Page - Analog Devices ADL5906 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Data Sheet
ADL5906
THEORY OF OPERATION
analog.com
Rev. B | 20 of 30
forms of modulation with respect to the ideal CW line. This method
for calculating error is accurate, assuming that each device is
calibrated at room temperature.
In the second plot format, the VRMS voltage at a given input ampli-
tude and temperature is subtracted from the corresponding VRMS
at 25°C and then divided by the 25°C slope to obtain an error in
decibels. This type of plot does not provide any information on the
linear-in-dB performance of the device; it merely shows the decibel
equivalent of the deviation of VRMS over temperature, given a
calibration at 25°C. When calculating error from any one particular
calibration point, this error format is accurate. It is accurate over
the full range shown on the plot assuming that enough calibration
points are used. Figure 12 shows this plot type.
The error calculations for Figure 34 are similar to those for the VRMS
plots. The slope and intercept of the VTEMP function vs. temperature
are determined and applied as follows:
Error (°C) = (VTEMP − Slope × (Temp − TZ))/Slope
(10)
where:
VTEMP is the voltage at the TEMP pin at that temperature.
Slope is, typically, 4.8 mV/°C.
Temp is the ambient temperature of the ADL5906 in degrees
Celsius.
TZ is the x-axis intercept expressed in degrees Celsius (the temper-
ature that would result in a VTEMP of 0 V if this were possible).
MEASUREMENT MODE BASIC CONNECTIONS
The basic connections circuit for ADL5906 is shown in Figure 51.
The ADL5906 requires a single supply of nominally 5 V. The supply
is connected to the VPOS1 and VPOS2 supply pins. Decouple
each of these pins using two capacitors with values equal or similar
to those shown in Figure 51. Place these capacitors as close as
possible to the VPOS pins. The three no connect pins (NIC) are not
internally connected. Leave these pins unconnected.
An external 60.4 Ω resistor combines with the relatively high RF
input impedance of the ADL5906 to provide a broadband 50 Ω
match. Place an ac coupling capacitor between this resistor and
RFIN+. AC-couple the RFIN− input to ground using the same value
capacitor. To operate down to 10 MHz, the coupling capacitors must
be at least 100 pF.
The ADL5906 is placed in measurement mode by connecting the
VRMS pin to the VSET pin. In measurement mode, the output
voltage is proportional to the log of the rms input signal level.
SETTING VTADJ
As described in the Theory of Operation section, the output temper-
ature drift can be compensated by applying a voltage to the TADJ
pin. The compensating voltage varies with frequency. The voltage
for the TADJ pin can be easily derived from a resistor divider
connected to the VREF pin. Table 4 shows the recommended VTADJ
voltages for operation from −55°C to +125°C, along with resistor
divider values. Resistor values are chosen so that they neither pull
too much current from the VREF pin (IOUTMAX = 4 mA) nor are
so large that the maximum bias current at a VTADJ = 1 V (14 µA)
affects the resulting voltage.
The VTADJ function provides temperature compensation of the out-
put slope of the ADL5906. The Using VTEMP to Improve Intercept
Temperature Drift section describes how the temperature stability of
the ADL5906 can be further improved.
Recommended VTADJ Voltages
Table 4.
Frequency
VTADJ (V)
R9 (Ω)
R12 (Ω)
10 MHz to 2.14 GHz
0.35
1500
270
2.6 GHz
0.4
1500
316
3.5 GHz
0.45
1500
365
5.8 GHz
1.0
1540
1200
8 GHz
1.0
1540
1200
10 GHz
1.0
1540
1200
SETTING VTGT
As described in the Theory of Operation section, setting the voltage
on VTGT to 0.8 V represents a compromise between achieving
excellent rms accuracy and maximizing dynamic range. The voltage
on VTGT can be derived from the VREF pin using a resistor divider,
as shown Figure 51. Like the resistors chosen to set the VTADJ
voltage, the resistors setting VTGT must have reasonable values
that do not pull too much current from VREF or cause bias current
errors. In addition, note the combined current that VREF must
deliver to generate the VTADJ and VTGT voltages. The values shown
in Figure 51 and Table 4 result in a maximum VREF current of
1.7 mA. This current is well below the maximum specified VREF
current of 4 mA.
CHOOSING A VALUE FOR CRMS
CRMS provides the averaging function for the internal rms compu-
tation. Using the minimum value for CRMS allows the quickest
response time to a pulsed waveform but leaves significant output
noise on the output voltage signal. By the same token, a large
filter capacitor reduces output noise but at the expense of response
time.
In applications where response time is not critical, a relatively large
capacitor can be placed on the CRMS pin. In Figure 51, a value
of 0.1 µF is used. For most signal modulation schemes, this value
ensures excellent rms measurement compliance and low residual
output noise. There is no maximum capacitance limit for CRMS.
Figure 50 shows how output noise varies with CRMS when the
ADL5906 is driven by a single-carrier W-CDMA signal (Test Model
TM1-64, peak envelope power = 10.56 dB, bandwidth = 3.84 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com