Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5906 Datasheet HTML 18Page - Analog Devices ADL5906 Datasheet HTML 19Page - Analog Devices ADL5906 Datasheet HTML 20Page - Analog Devices ADL5906 Datasheet HTML 21Page - Analog Devices ADL5906 Datasheet HTML 22Page - Analog Devices ADL5906 Datasheet HTML 23Page - Analog Devices ADL5906 Datasheet HTML 24Page - Analog Devices ADL5906 Datasheet HTML 25Page - Analog Devices ADL5906 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Data Sheet
ADL5906
THEORY OF OPERATION
analog.com
Rev. B | 22 of 30
Table 5 shows the recommended minimum values of CRMS for
popular modulation schemes. Using lower capacitor values results
in rms measurement errors. Output response time is also shown. If
the output noise shown in Table 5 is unacceptably high, it can be
reduced by
Increasing CRMS
Implementing an averaging algorithm after the output voltage of
the ADL5906 has been sampled by an analog-to-digital convert-
er (ADC)
The values in Table 5 were experimentally determined to be the
minimum capacitance that ensures good rms accuracy for that
particular signal type. This test was carried out by starting out with a
large capacitance value on the CRMS pin (for example, 10 µF). The
value of VRMS was noted for a fixed input power level (for example,
−10 dBm). The value of CRMS was then progressively reduced (this
can be done with press-down capacitors) until the value of VRMS
started to deviate from its original value (this indicates that the
accuracy of the rms computation is degrading and that CRMS is
becoming too small).
In general, the minimum required rms averaging capacitance in-
creases as the peak-to-average ratio of the carrier increases. The
minimum required CRMS also tends to increase as the bandwidth
of the carrier decreases. With narrow-band carriers, the noise
spectrum of the VRMS output tends to have a correspondingly
narrow profile. The relatively narrow spectral profile demands a
larger value of CRMS that reduces the low-pass corner frequency of
the averaging function and ensures a valid rms computation.
OUTPUT VOLTAGE SCALING
The linear output voltage range of the ADL5906 is nominally 0.3 V
to 3.7 V. VRMS is clamped to a maximum voltage of ~3.9 V; this
helps improve falling edge settling speeds because the VRMS output
stays closer to the nominal linear-in-dB output range of 0.3 V to 3.7
V. Within the 0 V to 3.9 V maximum output range, the slope can be
adjusted as needed via extra resistors, as shown in Figure 52.
If only a part of the RF input power range of the ADL5906 is being
used (for example, −10 dBm to −60 dBm), increase the scaling so
that this reduced input range fits into the available output swing (0 V
to 3.9 V) of the ADL5906.
The output swing is reduced by simply adding a voltage divider on
the output pin, as shown in the A side of Figure 52. Reducing the
output scaling can be used when interfacing the ADL5906 to an
ADC with a 0 V to 2.5 V input range.
Figure 52. Decreasing and Increasing Slope
The output voltage swing can be increased using a technique that
is analogous to setting the gain of an op amp in noninverting
mode (see the B side of Figure 52) with the VSET pin being the
equivalent of the inverting input of the op amp.
With VRMS connected to VSET, the nominal transfer function of the
ADL5906 is given by
VRMS = Slope × (PIN − Intercept)
For example at 3.5 GHz, with PIN equal to 0 dBm, the nominal
output voltage is equal to 0.052 V/dB × (0 dBm − (−64 dBm) =
3.328 V.
To scale this voltage downward using a resistor divider, choose a
value for R15 and calculate R1 using the following equation:
R1=R15× VRMSV′RMS−1  
(11)
To scale this voltage upward, choose a value for R2 and calculate
R6 using the following equation:
R6= R2 RIN V′RMSVRMS−1  
(12)
where:
RIN is the input resistance of VSET (72 kΩ).
V'RMS is the desired maximum output voltage.
VRMS is the nominal maximum output voltage before scaling (see
Figure 9 through Figure 26).
When choosing R1, R2, R6, and R15, notice the current drive
capability of the VRMS pin and the input resistance of the VSET
pin. The choice of resistors must not be too small because this
results in excessive current drawn out of the VRMS pin (the VRMS
pin can source a maximum current of 10 mA). However, choosing
an R2 that is too large is also problematic. If the value of R2 chosen
is compatible with the input resistance of the VSET pin (72 kΩ), this
input resistance, which varies slightly from part to part, contributes
to the resulting slope and output voltage. In general, ensure that the
value of R2 is at least 10 times smaller than the input resistance of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com