Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5906 Datasheet HTML 21Page - Analog Devices ADL5906 Datasheet HTML 22Page - Analog Devices ADL5906 Datasheet HTML 23Page - Analog Devices ADL5906 Datasheet HTML 24Page - Analog Devices ADL5906 Datasheet HTML 25Page - Analog Devices ADL5906 Datasheet HTML 26Page - Analog Devices ADL5906 Datasheet HTML 27Page - Analog Devices ADL5906 Datasheet HTML 28Page - Analog Devices ADL5906 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Data Sheet
ADL5906
THEORY OF OPERATION
analog.com
Rev. B | 25 of 30
As shown in Figure 54, whereas the slope is stable vs. the tempera-
ture at 2140 MHz, the intercept of the ADL5906 does vary slightly
vs. temperature (approximately +0.3 dB at +85°C and −0.8 dB at
−40°C). This variation in intercept is constant vs. input power level
at most frequencies. Table 7 lists the average temperature coeffi-
cient of VRMS in mV/°C at frequencies from 100 MHz to 5.8 GHz.
This temperature coefficient is given by the following equation:
TCVRMS = (DRIFTVRMS/ΔTEMP) × Slope
(18)
where:
DRIFTVRMS is the specified drift of VRMS (scaled in dB) from ambi-
ent to either −40°C or +85°C at an input power level of 0 dBm (see
Table 1).
∆TEMP is equal to either +65°C for cold drift (that is, +25°C −
(−40°C)) or +60°C for hot drift (that is, +85°C − +25°C).
Slope is the specified slope of VRMS (see Table 1).
For example, at 2.14 GHz, TCVRMS for hot drift can be calculated as
TCVRMS = (0.3 dB/60°C) × 56 mV/dB = 0.28 mV/°C
The value for slope that is used can also be the slope that is
calculated during device calibration. This gives results that are
slightly more accurate because there is slight variation in slope from
device to device.
Table 7 also lists the typical temperature coefficient of the VTEMP
temperature sensor output. To calculate the appropriate amount of
compensation required at a particular frequency, a VTEMP weighting
factor is calculated. This is simply the ratio of the temperature
coefficients of VTEMP and VRMS. These weighting factors are also
shown in Table 7.
Using the data shown in Table 7, an adjusted value for VRMS
(VRMS′) can be calculated using the following equation:
VRMS′=VRMS− VTEMP−VTEMP25
Weigℎting Factor
   (19)
where:
VTEMP25 is equal to the voltage measured on VTEMP during system
calibration at ambient temperature.
VTEMP is equal to the voltage on VTEMP during normal operation.
Figure 55 to Figure 62 show typical plots of VRMS′ vs. input level
and temperature at frequencies from 100 MHz to 5.8 GHz when this
temperature compensation algorithm is applied.
From a system calibration and operation perspective, the only addi-
tional measurements that are required to implement this algorithm
are measurement and storage of VTEMP during calibration (that is,
at ambient temperature) and measurement of VTEMP during opera-
tion. All other information required to implement this algorithm (that
is, nominal temperature drift of VRMS and temperature coefficient of
VTEMP) is based on typical data sheet specifications.
Figure 55. VRMS′ and Log Conformance Error vs. Input Level and
Temperature at 100 MHz Using VTEMP Intercept Compensation
Figure 56. VRMS′ and Log Conformance Error vs. Input Level and
Temperature at 700 MHz Using VTEMP Intercept Compensation
Figure 57. VRMS′ and Log Conformance Error vs. Input Level and
Temperature at 900 MHz Using VTEMP Intercept Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com