Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 2 Page - Analog Devices

  ADL5906 Datasheet HTML 1Page - Analog Devices ADL5906 Datasheet HTML 2Page - Analog Devices ADL5906 Datasheet HTML 3Page - Analog Devices ADL5906 Datasheet HTML 4Page - Analog Devices ADL5906 Datasheet HTML 5Page - Analog Devices ADL5906 Datasheet HTML 6Page - Analog Devices ADL5906 Datasheet HTML 7Page - Analog Devices ADL5906 Datasheet HTML 8Page - Analog Devices ADL5906 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Data Sheet
ADL5906
TABLE OF CONTENTS
analog.com
Rev. B | 2 of 30
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Absolute Maximum Ratings...................................7
ESD Caution.......................................................7
Pin Configuration and Function Descriptions........ 8
Typical Performance Characteristics..................... 9
Theory of Operation.............................................16
Square Law Detector and Amplitude Target.....16
RF Input Interface.............................................17
Temperature Sensor Interface..........................17
VREF Interface.................................................17
Temperature Compensation Interface.............. 18
Power-Down Interface......................................18
VSET Interface.................................................19
Output Interface................................................19
VTGT Interface.................................................19
Basis for Error Calculations..............................19
Measurement Mode Basic Connections...........20
Setting VTADJ.................................................... 20
Setting VTGT..................................................... 20
Choosing a Value for CRMS.............................. 20
Output Voltage Scaling.....................................22
System Calibration and Error Calculation........ 24
Using VTEMP to Improve Intercept
Temperature Drift............................................24
Description of Characterization........................ 27
Evaluation Board................................................. 28
Evaluation Board Assembly Drawings............. 29
Outline Dimensions............................................. 30
Ordering Guide.................................................30
Evaluation Boards............................................ 30
REVISION HISTORY
1/2023—Rev. A to Rev. B
Changes to Figure 2 and Table 3.....................................................................................................................8
Changes to Figure 4, Figure 5, Figure 7 Caption, and Figure 8 Caption......................................................... 9
Changes to Figure 30 Caption and Figure 32 Caption.................................................................................. 13
Changes to Figure 33 Caption....................................................................................................................... 14
Updated Outline Dimensions......................................................................................................................... 30
Changes to Ordering Guide........................................................................................................................... 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com