Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB-SYNCE-RJ Datasheet(PDF) 6 Page - Arista Networks, Inc

Part # CAB-SYNCE-RJ
Description  7280R3A Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CAB-SYNCE-RJ Datasheet(HTML) 6 Page - Arista Networks, Inc

Back Button CAB-SYNCE-RJ Datasheet HTML 2Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 3Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 4Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 5Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 6Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 7Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 8Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 9Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 10Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Arista 7280R3A 1 and 2RU Rear Views
AC Powered, Front to Rear airflow (red)
2U Hot swap fan modules
2.4kW Hot swap power supplies
1.5kW Hot swap power supplies
1U Hot swap fan modules
7280DR3A-54: 54 port 400G QSFP-DD
- 21.6 Tbps wire speed performance with 24 GB buffer
- MACsec, SyncE and large scale options
- 2 x OSFP-LS ports for dense 400G-ZR deployment
Arista 7280CR3A-48D6
Arista 7280CR3A-24D12
Arista 7280DR3A-36
Arista 7280DR3A-54
7280DR3A-36: 36 port 400G QSFP-DD
- 14.4 Tbps wire speed performance with 16 GB buffer
- MACsec, SyncE and large scale options
- 2 x OSFP-LS ports for dense 400G-ZR deployment
7280CR3A-24D12: 24 port 100G QSFP and 12 port 400G QSFP-DD
- 7.2 Tbps wire speed performance with 8 GB buffer
- MACsec, SyncE and large scale options
7280CR3A-48D6: 48 port 100G QSFP and 6 port 400G QSFP-DD
- 7.2 Tbps wire speed performance with 8 GB buffer
- MACsec, SyncE and large scale options
- 1 x OSFP-LS ports for dense 400G-ZR deployment
7280CR3A-72: 72 port 100G QSFP
- 7.2 Tbps wire speed performance with 8 GB buffer
- MACsec, SyncE and large scale options
7280R3A High Availability
The Arista 7280R3A switches were designed for continuous operations with system wide monitoring of both hardware and software
components, simple serviceability and provisioning to prevent single points of failure. Key high availability features include:
•
1+1 hot-swappable power supplies and hot-swap fans provide dynamic temperature control combined with N+1 redundancy
•
Color coded PSU’s and fans that deliver platinum level power efficiency
•
Live software patching
•
Self healing software with Stateful Fault Repair (SFR)
7280R3A Series | Platform Overview
Arista 7280CR3A-32S
Arista 7280CR3A-72
Arista 7280SR3A-48YC8
7280CR3A-32S: 32 port 100G QSFP with 200G/400G flexibility
- 3.6 Tbps wire speed performance with 4 GB buffer
- MACsec, SyncE and large scale options
7280SR3A-48YC8: 48 port 10G/25G/50G SFP and 6 port 200G QSFP
- 3.6 Tbps wire speed performance with 4 GB buffer
- MACsec, SyncE and large scale options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com