Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB-SYNCE-RJ Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # CAB-SYNCE-RJ
Description  7280R3A Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CAB-SYNCE-RJ Datasheet(HTML) 1 Page - Arista Networks, Inc

  CAB-SYNCE-RJ Datasheet HTML 1Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 2Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 3Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 4Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 5Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 6Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 7Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 8Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
7280R3A Series Data Center Switch Router
Data Sheet
Product Highlights
System Scale and Performance
• 7280DR3A Series: Up to 54 x 400G
• 7280CR3A Series: Up to 72 x 100G
• 7280SR3A Series: Up to 48 x 50G
• Up to 21.6. Tbps / 8.1 Bpps throughput
• QSFP, OSFP and QSFP-DD: for 10-400G
• 400G ZR and ZR+ Support
• Dedicated OSFP-Line System ports
• Synchronous Ethernet and IEEE 1588
• MACsec, IPsec and VXLANsec encryption
Cloud Grade Routing
• Secure Internet Peering
• Carrier Edge VPN Services
• Next Generation EVPN Services for 5G/
MEC, CIN, & Metro
• Carrier Core transport (LDP, RSVP-TE, SR-TE)
and HA with FRR and TI-LFA
• Next Generation timing (PTP and SyncE)
• Open programmable APIs (JSON-RPC,
NETCONF) for provisioning, telemetry,
path selection/topology discovery
Data Center Optimized Design
• Ultra-deep packet buffer up to 24GB
• Virtual Output Queues per port to
eliminate head of line blocking
• Over 94% efficient power supplies
• Redundant & hot-swap power and fans
• Designed for NEBS
Virtualization and Provisioning
• CloudVision
• EVPN-VXLAN for next generation DC
• LANZ for microburst detection
• Zero Touch Provisioning (ZTP)
• Accelerated sFlow (RFC3176)
Cloud Networking Ready
• Up to 384K MAC Addresses
• Over 5M IPv4 Routes with 7280R3AK
• Algorithmic ACLs for 400K+ rules
Resilient Control Plane
• High Performance eight-core x86 CPU
• 64GB DRAM and 120GB SSD
Arista Extensible Operating System
• Single 64-bit binary image
• Fine-grained truly modular network OS
• Stateful Fault Containment & Repair
• Full access to Linux shell and tools
• Extensible platform - bash, python, C++
Overview
The Arista 7280R3A Series of fixed systems, including the 7280R3A, 7280R3AM and
the 7280R3AK, are the latest generation of Arista 7000 Series portfolio of data center
switches. The 7280R3A Series are purpose built 100G and 400G systems built for the
highest performance environments, and to meet the needs of the largest scale data
centers and service providers. They deliver scalable L2 and L3 resources, high
bandwidth encryption and high density with advanced features for network
monitoring, precision timing and network virtualization to deliver scalable and
deterministic network performance while simplifying designs and reducing Opex.
Designed for deployment in a wide range of open networking solutions including
large scale layer 2 and layer 3 cloud designs, enterprise data centers and service
provider networks, the 7280R3A Series support 100G and 400G interfaces, up to 54
ports of wirespeed 400G in 2RU. For maximum flexibility, each platform provides a
choice of three levels of scale and functionality with Standard (R3A), Encryption
(R3AM) and Large Scale (R3AK) models available.
The 7280R3A’s capabilities address the requirements for modern networking and
rich multi-media content delivery requiring a lossless forwarding solution in a
compact and energy efficient form factor, offering rich functionality for traditional
data centre, virtualized/overlay networking and wide area networking along with
deep packet buffers, large routing tables and industry leading switching capacity.
7280R3A systems with OSFP or QSFP-DD incorporate a flexible choice of interface
speed including 25G and 50G and support for dense 400G DWDM, providing
unparalleled flexibility and the ability to seamlessly transition data centers to the
next generation of Ethernet performance. The 7280R3A Series provide industry
leading power efficiency. Combined with Arista EOS the 7280R3A Series delivers
advanced features for big data, cloud, virtualized and traditional designs.
Arista 7280R3A Series
Arista EOS
The Arista 7280R3A series run the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
Arista’s 64-bit EOS is purpose built for high performance, large scale workloads and
embeds advanced monitoring, telemetry and automation capabilities. With a
powerful x86 CPU subsystem and full access to Linux, a wealth of standard tools can
also be run natively on the switch for simple integration into automation workflows.


Similar Part No. - CAB-SYNCE-RJ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
CAB-S-S-25G-1.5M-C ATGBICS-CAB-S-S-25G-1.5M-C Datasheet
231Kb / 5P
CAB-S-S-25G-1.5M Arista Compatible Direct Attach Copper Twinax Cable 25G SFP28 (1.5m, Passive)
CAB-S-S-25G-1M-C ATGBICS-CAB-S-S-25G-1M-C Datasheet
231Kb / 5P
CAB-S-S-25G-1M Arista Compatible Direct Attach Copper Twinax Cable 25G SFP28 (1m, Passive)
CAB-S-S-25G-2.5M-C ATGBICS-CAB-S-S-25G-2.5M-C Datasheet
231Kb / 5P
CAB-S-S-25G-2.5M Arista Compatible Direct Attach Copper Twinax Cable 25G SFP28 (2.5m, Passive)
CAB-S-S-25G-2M-C ATGBICS-CAB-S-S-25G-2M-C Datasheet
231Kb / 5P
CAB-S-S-25G-2M Arista Compatible Direct Attach Copper Twinax Cable 25G SFP28 (2m, Passive)
CAB-S-S-25G-3M-C ATGBICS-CAB-S-S-25G-3M-C Datasheet
231Kb / 5P
CAB-S-S-25G-3M Arista Compatible Direct Attach Copper Twinax Cable 25G SFP28 (3m, Passive)
More results

Similar Description - CAB-SYNCE-RJ

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
2575A-05GXT SUYIN-USA-2575A-05GXT Datasheet
81Kb / 1P
USB A SERIES WITH SWITCH CENTER HEIGHT 1.74mm
logo
Cherry Semiconductor Co...
NM02 CHERRY-NM02 Datasheet
445Kb / 2P
center-off switch
logo
PHOENIX CONTACT
2702528 PHOENIX-2702528 Datasheet
71Kb / 4P
Router - TC ROUTER 3002T-4G
2702532 PHOENIX-2702532 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G VZW
2702533 PHOENIX-2702533 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G ATT
2314008 PHOENIX-2314008 Datasheet
213Kb / 14P
Router - PSI-MODEM-3G/ROUTER
09/12/2020
2702531 PHOENIX-2702531 Datasheet
235Kb / 14P
Router - TC ROUTER 2002T-3G
09/12/2020
logo
Kingston Technology Far...
SEDC450R KINGSTON-SEDC450R Datasheet
1Mb / 2P
DATA CENTER DC450R SSD
logo
Advantech Co., Ltd.
WISE-3200 ADVANTECH-WISE-3200 Datasheet
169Kb / 2P
IoT Router
22-Feb-2021
logo
TELTONIKA NETWORKS.
RUT300 TELTONIKA-RUT300 Datasheet
983Kb / 13P
ETHERNET ROUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com