Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB-SYNCE-RJ Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # CAB-SYNCE-RJ
Description  7280R3A Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CAB-SYNCE-RJ Datasheet(HTML) 3 Page - Arista Networks, Inc

  CAB-SYNCE-RJ Datasheet HTML 1Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 2Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 3Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 4Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 5Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 6Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 7Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 8Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
7280R3A Deterministic Network Performance
The Arista 7280R3A Series uses a deep buffer virtual output queue (VOQ) architecture that eliminates head-of-line (HOL) blocking and
virtually eliminates packet drops even in the most congested network scenarios. An advanced traffic scheduler fairly allocates
bandwidth between all virtual output queues while accurately following queue disciplines including weighted fair queueing, fixed
priority, or hybrid schemes. As a result, the Arista 7280R3A can handle the most demanding data center requirements with ease,
including mixed traffic loads of real-time, multicast, and storage traffic while still delivering low latency.
Routing Table Scale and FlexRouteTM
Network scalability is directly impacted by the size of a system’s forwarding tables. In many systems a 'one size fits all' approach is
adopted using discrete fixed size tables for each of the common types of forwarding entry. The Arista 7280R3A Series leverage a
database for forwarding resources which can be allocated for MAC, Routing, Host and ARP tables with a choice of forwarding profiles
that optimizes these tables.
Arista’s innovative FlexRoute Engine, with its patented algorithmic approach to building layer 3 forwarding tables on Arista R-Series,
provides support for the full internet routing table in hardware. Scaling to more than 5 million routes in 7280R3AK, the R series Universal
Spine and Leaf platforms have sufficient headroom for future growth in both IPv4 and IPv6. The flexibility coupled with the range of
system forwarding profiles ensures optimal resource allocation for a wide range of network topologies and use cases including Internet
Peering, virtualization, Carrier Edge and Security as well as datacenter spine and leaf.
10-400G Wire-speed Encryption with TunnelSec
7280R3AM and 7280R3AK series platforms support Arista’s TunnelSec technology, enabling line-rate, industry standard, authenticated
strong encryption using the AES-256-GCM block cipher. TunnelSec devices offer IEEE 802.1AE MAC Security (MACsec), IPsec (RFC 4303)
and VXLANsec for flexible encryption of layer 2, layer 3 or overlay networks. While MACsec operates at the link layer, offering point to
point encryption, IPsec and VXLANsec enable the construction of encrypted IP tunnels that traverse multiple unencrypted hops
between router or VTEP endpoints enabling line-rate strong encryption across third party infrastructure for WAN or DCI deployments.
The flexibility to offer multiple types of encryption enables a broad range of deployments and removes the need for additional
encryption devices while providing orders of magnitude improvements in latency and throughput when compared to traditional
appliance based implementations. The 7280R3AM and 7280R3AK series support TunnelSec on all interface speeds, from 10G to 400G
without a performance penalty. Encryption services are an EOS licensed feature and requires a license file to enable the encryption
feature. License information is included in the ordering information section of this document.
Dense 400G DWDM
Arista's R3A platforms are optimized to support high power 400ZR OSFP and QSFP-DD optical modules. 400ZR modules are software
tunable, DWDM, coherent optical modules, with a reach of up to 120km.  When combined with Arista’s ZR Line System, up to 8x 400ZR
modules can be multiplexed to transport 3.2 Tb/s over a single fiber pair.  Arista's ZR Line System consists of the AMP-ZR, an optical
amplifier packaged into a single transceiver module, and the CAB-LC8-CS, a simple fiber splitter/combiner that multiplexes up to 8x
400ZR modules into a fiber pair.  Selected 7280R3A platforms include dedicated ports that can house the amplifier without using data
plane ports. The combination of 7280R3A, 400G-ZR and the ZR-LS represent a revolutionary plug-and-play approach, completely
eliminating external transponders and line systems while reducing cost and complexity - allowing DCI links to be turned up as quickly
and easily as inside-the-datacenter links.
Algorithmic ACLs
Algorithmic ACLs combine both software and hardware to enable more flexible and scalable solutions for access control, policy based
forwarding and network telemetry. Combining general purpose memory with advanced software algorithms delivers higher scale,
performance and efficiency with lower power and is more cost effective than traditional solutions. Algorithmic ACLs leverage efficient
packet matching algorithms that in turn enables flow matching for access control, policy and visibility. The net benefits are a high
performance policy engine with both increased functionality and scale in a cost and power efficient solution. Algorithmic ACLs are
available on the 7280R3AK Series of products.
•
Enables IPv4 and IPv6 access control at the same scale
•
L4 rule ranges are programmed efficiently without expansion or reduced capacity
•
Multiple actions can be performed on a single packet or flow
•
User defined filters allow flexible packet classification based on offsets for custom actions
•
Supports rich policy with consistent semantics that would exhaust classical resources
7280R3A Series | Platform Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com