Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB-SYNCE-RJ Datasheet(PDF) 25 Page - Arista Networks, Inc

Part # CAB-SYNCE-RJ
Description  7280R3A Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CAB-SYNCE-RJ Datasheet(HTML) 25 Page - Arista Networks, Inc

Back Button CAB-SYNCE-RJ Datasheet HTML 18Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 19Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 20Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 21Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 22Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 23Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 24Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 25Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 26Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
7280R3A Series | Ordering Information
Software Licenses
Product Description
LIC-FIX-4-E
Enhanced L3 License for Arista Group 4 Fixed switches, (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-4-V
Virtualization license for Group 4 Arista Fixed switches (VMTracer and VXLAN)
LIC-FIX-4-V2
EOS Extensions, Security and Partner Integration license for Arista Group 4 Fixed switches
LIC-FIX-4-Z
Monitoring & Automation license for Arista Group 4 Fixed switches (ZTP, LANZ, TapAgg, API, Time-stamping,
OpenFlow)
LIC-FIX-4-FLX-L
FLX-Lite License for Arista Fixed switches Group 4 - Full Routing Up to 246K Routes, EVPN, VXLAN, SR, base MPLS LSR
(no TE or link/node protection)
LIC-FIX-4-FLX
FLX License for Arista Fixed Group 4 - Full Routing upto 2M Routes, >24K ACL, EVPN, VXLAN, SR, Adv MPLS-LER/LSR,
with TE & link/node protection
LIC-FIX-4-MACSEC
MACSEC Encryption License for Arista Group 4 Fixed switches, MACSEC capable ports 
LIC-FIX-4-ENCR
Enhanced Security Encryption License for Arista Group 4 Fixed switches, Encryption capable ports, TunnelSec, IPsec
and MACsec
LIC-FIX-5-E
Enhanced L3 License for Arista Group 5 Fixed switches, (BGP, OSPF, ISIS, PIM, NAT)
LIC-FIX-5-V
Virtualization license for Group 5 Arista Fixed switches (VMTracer and VXLAN)
LIC-FIX-5-V2
EOS Extensions, Security and Partner Integration license for Arista Group 5 Fixed switches
LIC-FIX-5-Z
Monitoring & Automation license for Arista Group 5 Fixed switches (ZTP, LANZ, TapAgg, API, Time-stamping,
OpenFlow)
LIC-FIX-5-FLX-L
FLX-Lite License for Arista Fixed switches Group 5 - Full Routing Up to 256K Routes, EVPN, VXLAN, SR, base MPLS LSR
(no TE or link/node protection)
LIC-FIX-5-FLX
FLX License for Arista Fixed Group 5 - Full Routing upto 2M Routes, >24K ACL, EVPN, VXLAN, SR, Adv MPLS-LER/LSR,
with TE & link/node protection
LIC-FIX-5-MACSEC
MACSEC Encryption License for Arista Group 5 Fixed switches, MACSEC capable ports 
LIC-FIX-5-ENCR
Enhanced Security Encryption License for Arista Group 5 Fixed switches, Encryption capable ports, TunnelSec, IPsec
and MACsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com