Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB-SYNCE-RJ Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # CAB-SYNCE-RJ
Description  7280R3A Series Data Center Switch Router
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CAB-SYNCE-RJ Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button CAB-SYNCE-RJ Datasheet HTML 3Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 4Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 5Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 6Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 7Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 8Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 9Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 10Page - Arista Networks, Inc CAB-SYNCE-RJ Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7280R3A Series | Features
* Not currently supported in EOS
Layer 2 Features
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• Rapid Per VLAN Spanning Tree (RPVST+)
• 4096 VLANs
• Q-in-Q
• 802.3ad Link Aggregation/LACP
• 256 Ports / Channel
• 2048 groups per system (subject to system density)
• MLAG (Multi-Chassis Link Aggregation)
• Uses IEEE 802.3ad LACP
• 512 ports per MLAG
• 802.1Q VLANs/Trunking
• 802.1AB Link Layer Discovery Protocol
• 802.3x Receive Flow Control
• IGMP v1/v2/v3 snooping
• Storm Control
• Layer 2 sub-interfaces
Layer 3 Features
• Static Routes
• Routing Protocols: OSPF, OSPFv3, BGP, MP-BGP, IS-IS, and RIPv2
• BGP FlowSpec, BMP, BGP-RPKI, PIC
• 512-way Equal Cost Multipath Routing (ECMP)
• Unequal Cost Multipath Routing with BGP communities
• VRF, Inter-VRF Route Leaking
• Bi-Directional Forwarding Detection (BFD)
• Micro BFD (RFC 7130)
• Unicast Reverse Path Forwarding (uRPF)
• VXLAN Bridging and Routing
• VRRP / VRRPv3
• Virtual ARP (VARP)
• Policy Based Routing (PBR)
• Route Maps & RCF (Routing Control Functions)
• Layer 3 sub-interfaces
• Route-target pruning, Route-target constraints
• Route Reflector, Optimal Route Reflector
Multicast
• IGMP v2/v3
• MLD v2
• Protocol Independent Multicast (PIM-SM / PIM-SSM)
• PIM-BiDir *
• Anycast RP (RFC 4610)
• Multicast Source Discovery Protocol (MSDP)
• Multicast Only FastReroute (MoFRR)
Advanced Monitoring and Provisioning
• Latency Analyzer and Microburst Detection (LANZ)
• Configurable Congestion Notification (CLI, Syslog)
• Streaming Events (GPB Encoded)
• Zero Touch Provisioning (ZTP)
• Advanced Mirroring
• Port Mirroring (14 sessions)
• Enhanced Remote Port Mirroring
• SPAN/TAP M:N Aggregation
• L2/3/4 Filtering Post-card Telemetry
• Advanced Event Management suite (AEM)
• CLI Scheduler
• Event Manager
• Event Monitor
• Linux tools
• Integrated packet capture/analysis with TCPDump
• Restore and Configure from USB
• RFC 3176 sFlow
• Optional SSD for logging and data capture
• IPFIX
Security Features
• Control Plane Protection (CPP)
• Ingress / Egress ACLs using L2, L3, L4 fields
• Ingress / Egress ACL Logging and Counters
• MAC ACLs
• UDF (User Defined Fields)
• ACL Deny Logging
• ACL Counters
• Atomic ACL Hitless restart
• DHCP Relay / Snooping
• MAC Security
• RADIUS/TACACS+
• ARP trapping and rate limiting
• Scalable traffic policies
• MACsec (IEEE 802.1AE)
• IPsec
• VXLANsec
Quality of Service (QoS) Features
• Up to 8 queues per port / sub-interface
• Strict priority queueing
• DSCP based classification and remarking
• Egress shaping / Weighted round robin (WRR)
• WFQ, CIR*, ETS*, Fixed Priority
• Policing / Shaping, H-QoS
• Explicit Congestion Notification (ECN) marking
• 802.1Qbb Per-Priority Flow Control (PFC)
• 802.1Qaz Enhanced Transmission Selection (ETS)
• Data Center Bridging Extensions (DCBX)
• Virtual Output Queueing
• Distributed Scheduler
Precision Timing
• Synchronous Ethernet with ESMC
• IEEE 1588-2008 PTP T-GM, T-BC, T-TSC
• G.8275.1, G.8275.2, G.8261, G.8264
Supported Features in EOS
A list of supported features can be found at: https://www.arista.com/en/support/product-documentation/supported-features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com