Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STDRIVE101
Description  Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics STDRIVE101 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Figure 4. STEVAL-PTOOL4A circuit schematic (4 of 6)
+5V
VBATT+
R80
82.5K
R81
402K
R82
0
C44
10pF
1
2
FB2
470 OHM
1
2
FB1
470 OHM
+5V
EN
1
VIN
6
NC1
3
VOUT
4
NC2
5
U6
LDL112PV33R
1
2
L2
27uH
+3V3
C50
100nF
SW
1
BOOT
2
VCC
3
FB/VOUT
4
EN/CLKIN(*)
5
AGND
6
VIN
7
PGND
8
U5
L6981NDR
C51
1uF
C52
22uF
C53
10uF
C45
1uF
C46
100nF
C54
1uF/50V
C49
R83
121K
C47
1uF
C48
100nF
Vbatt to +5V DC-DC
GND_SIGNAL
+3V3 LDO
GND_SIGNAL
VBATT+
R84
30k
TRIG_X
1
Q7
2STR2160
SW1
JP12
0
R86
30k
1
Q8
2STR1160
R87
82K
MCU_TRIG
R89
6.8k
D20
LED RED
R93
12K
GND_SIGNAL
VBUS EN + DC-DC LATCH
VBATT+
J16
C60
10uF
GND
+5V
1
2
L1
BEAD
+3V3A
C16
1uF
C17
10nF
GND
EN_BUCK
EN_BUCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com