Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDRIVE101
Description  Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 3 Page - STMicroelectronics

  STDRIVE101 Datasheet HTML 1Page - STMicroelectronics STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1
Schematic diagrams
Figure 1. STEVAL-PTOOL4A circuit schematic (1 of 6)
OUT_U
UH
VH
WH
UL
VL
WL
OUT_V
OP3_OUT_CPIN
BKIN2
OUT_W
+3V3
+3V3A
VBATT+
VBATT+
+5V
+3V3
+3V3
+3V3A
OUT_U
OUT_W
OUT_V
VBATT+
VBATT+
VBATT+
+5V
+3V3
H3
H1
H2
SPI_CS
SPI_CLK
MCU_TRIG
DIR
CAN1RX/I2CSCL
MCU_BOOT0
NRST
OP3_OUT_CPIN
ADC_I_V
ADC_I_U
ADC_V_U
TEMP_FB
ADC_V_V
UH
VH
WH
BKIN2
SWDIO
SWCLK
SPI_MISO
SPI_MOSI
ADC_I_W
ADC_V_W
ADC_VDC
UART1TX/CAN2TX
UART1RX
CAN1TX/I2C SDA
ADC_THRTL
UL
VL
WL
CAN2RX
+3V3
+3V3A
ADC_I_U
ADC_I_V
ADC_I_W
ADC_VDC
TEMP_FB
OP3_OUT_CPIN
TRIG_X
DIR
OUT_U
OUT_V
OUT_W
H1
H2
H3
ADC_V_W
ADC_THRTL
ADC_V_V
ADC_V_U
VBATT+
+3V3A
+3V3
H3_X
H1_X
H2_X
THROTTLE_X
TRIG_X
DIR_X
THREE PHASE POWER INVERTER
MCU
MOTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com