Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STDRIVE101
Description  Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 4 Page - STMicroelectronics

  STDRIVE101 Datasheet HTML 1Page - STMicroelectronics STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 2. STEVAL-PTOOL4A circuit schematic (2 of 6)
1 of 2
PB8/BOOT0
45
PG10/NRST
7
PA0
8
PA2
10
PA10
32
PA11
33
PA12
34
PA13
37
PA14
38
PA15
39
PA3
11
PA4
12
PA5
13
PA6
14
PA7
15
PA1
9
PA8
30
PA9
31
PB0
16
PB2
18
PB10
22
PB11
25
PB12
26
PB13
27
PB14
28
PB15
29
PB3
40
PB1
17
PB4
41
PB5
42
PB6
43
PB7
44
PB9
46
PC13
2
PC14-OSC32_IN
3
PC15-OSC_OUT
4
PF0-OSC_IN
5
PF1-OSC_OUT
6
U1B
STM32G473CET6
TP1
PC13
EP7
C2
NM
EP8
Y1
NM
GND_SIGNAL
EP9
C4
NM
MCU
GND_SIGNAL
+3V3
R7
10k
JP1
0
JP3
0
C6
100nF
R9
10k
+3V3
R11
DNM
GND_SIGNAL
STM32G473CET6
2 of 2
VBAT
1
VDD
24
VREF+
20
VDD_1
36
VDD_2
48
VSS
23
VSSA
19
VSS_1
35
VSS_2
47
VDDA
21
U1A
STM32G473CET6
+3V3
C8
1nF
+3V3A
GND_SIGNAL
+3V3A
GND_SIGNAL
C9
10nF
C10
1uF
GND_SIGNAL
+3V3
C11
100nF
C12
100nF
C13
100nF
C14
100nF
C15
10uF
GND_SIGNAL
1
2
3
J1
CON3
1
2
J3
Con2_Strp_SMD
Assembly Information:
JP2
0
Debug Interfaces (SWD, DAC)
+3V3
FA1
250mA
Resettable 0402
1
2
3
4
5
6
7
8
9
10
11
12
13
14
J4
62701421621
GND_SIGNAL
EP3
EP4
JP14 NM
CAN+SWD+UART
SB1
0R
SB3
DNM
SB2
0R
SB4
DNM
SB6
DNM
+3V3
1
2
D5
LED RED
R13
220
1
2
D6
LED GREEN
R17
220
EXT LED
H3
SPI_CS
SWDIO
SWCLK
SPI_MISO
SPI_MOSI
NRST
SPI_CS
SPI_CLK
CAN1TX/I2C SDA
MCU_BOOT0
CAN1RX/I2CSCL
UART1TX/CAN2TX
UART1RX
MCU_TRIG
MCU_TRIG
DIR
CAN1RX/I2CSCL
MCU_BOOT0
OP3_OUT_CPIN
ADC_I_V
ADC_I_U
ADC_V_U
TEMP_FB
ADC_V_V
UH
VH
WH
BKIN2
SWDIO
SWCLK
SPI_CS/H1
SPI_MISO
ADC_I_W
ADC_V_W
ADC_VDC
UART1TX/CAN2TX
UART1RX
CAN1TX/I2C SDA
ADC_THRTL
UL
VL
WL
UART1RX
+3V3
CAN2RX
NRST
UART1TX/CAN2TX
LED_ERROR
LED_ERROR
LED_INFO
LED_INFO
H2
H1
LED_INFO/H3
LED_INFO/H3
SPI_CLK/H2
SPI_CS/H1
SPI_CLK/H2
SPI_CLK
CAN2RX
SPI_CS/H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com