Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STDRIVE101
Description  Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics STDRIVE101 Datasheet HTML 10Page - STMicroelectronics STDRIVE101 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Figure 5. STEVAL-PTOOL4A circuit schematic (5 of 6)
1
2
D13
STPS0560Z
R57
DNM
1
2
D12
STPS0560Z
R59
DNM
1
2
D15
STPS0560Z
R61
DNM
EXTERNAL BOOTSTRAP DIODES
R48
22R
R50
22ohm
1
2
D10
BAT54K
R52
22k
VBATT+
R54
22R
C33
4.7uF
OUT_U
C36
100nF
C34
4.7uF
C35
100nF
R55
22ohm
1
2
D11
BAT54K
HIN1
7
HIN2
8
HIN3
9
LIN1
10
LIN2
11
LIN3
12
FAULT
6
CP
1
GLS3
16
GLS2
20
GLS1
24
OUT3
15
GHS3
14
BOOT3
13
OUT2
19
GHS2
18
BOOT2
17
OUT1
23
GHS1
22
BOOT1
21
DT/MODE
2
SCREF
3
U4
STDRIVE101
R56
22k
UH
C37
1uF
R58
22R
VH
WH
R60
22R
UL
+3V3
1
2
D14
BAT54K
VL
C39
1uF
R64
22k
R62
39k
R63
22k
WL
R65
22R
R66
1k
OUT_V
R67
22R
C40
1uF
OP3_OUT_CPIN
1
2
D16
BAT54K
R68
22k
BKIN2
R69
22R
R70
10k
R71
NM
C41
NM
C42
1nF
R72
22R
GND
1
2
D17
BAT54K
R73
22k
GND_SIGNAL
R74
22R
OUT_W
R75
22ohm
1
2
D18
BAT54K
R76
22k
GUH
GUL
SRC_UL
GVL
SRC_VL
SRC_WL
GWL
GWH
GVH
Three Phase Gate Driver
BO1
BO2
BO3
BO1
BO2
BO3
REG12
REG12



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com