Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STDRIVE101
Description  Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 2 Page - STMicroelectronics

  STDRIVE101 Datasheet HTML 1Page - STMicroelectronics STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Empowered with a feature-rich STM32 motor control ecosystem for permanent magnet synchronous
motors (PMSM), brushless DC motors (BLDC)
Wide configurability via motor control library (MCSDK), associated GUI and profiler
Sensor less three-shunt or single-shunt vector field oriented control (FOC) algorithm (default)
Suitable for ST’s high performance STM32 ZeST (zero speed full torque) algorithm, available on
request
Option for sensor-less or sensored six step algorithm
Tuning of drive dynamics
Selection of operating parameters such as switching frequency
Other parameter values for nominal and fault conditions, for example, over the current threshold
Torque or speed mode operation
Fully protected with overcurrent protection, undervoltage lockout and thermal protection
Configuration examples with ST board designer, the JSON files are also provided
Wide options for connectivity and user control
Serial wire debug (SWD) port for debugging/programming
Communication interfaces for SPI, UART, CAN /I2C pins
Connector for buttons and trimmer along with one onboard pushbutton switch
Fault, status LEDs and interface for external LED for illumination
Options for enhancement with daughter cards
Connector for mounting daughter board, for example, MEMS sensor board or memory
Connector for increasing input voltage range by replacement of DC-DC converter
Test land areas on the board for monitoring important signals or DAC outputs for debugging
Description
The STEVAL-PTOOL4A is a compact system designed to control a brushless DC (BLDC) or a permanent-magnet
synchronous motor (PMSM) in application such as a handheld battery-powered tool.
It works on the standard set of inputs such as throttle to control the motor torque/speed and to deliver power up to
250 W.
The board can be connected to a suitable 21 V / 250 W power tool motor. More peak power can be delivered with
heatsink or with arrangement for circulating air to achieve better power dissipation.
This reference design is ideal for high-performance motor control to realize power tools such as drill machines,
grinders, disc cutters, circular saws, leaf blowers, handheld mowers etc.
The small form factor and ample computing power make it suitable even for applications such as drones,
wheelchairs, home appliances, e-bicycles, and robotic platforms.
The STEVAL-PTOOL4A includes a high performance STM32G473CE MCU featuring integrated peripherals
especially optimized for motor control applications controlling a 3 phase full bridge converter consisting of six high
current MOSFETS through triple half bridge gate driver STDRIVE101.
The MCU features multiple ADC peripherals thereby enabling simultaneous sampling of motor phase currents
and back emf voltages.
The board has the capability to leverage on MCSDK library to provide options of both six-step or high
performance FOC algorithm with configurability.
STEVAL-PTOOL4A
DB5216 - Rev 1
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com