Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08KX Datasheet(PDF) 35 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 35 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 31Page - Motorola, Inc M68ICS08KX Datasheet HTML 32Page - Motorola, Inc M68ICS08KX Datasheet HTML 33Page - Motorola, Inc M68ICS08KX Datasheet HTML 34Page - Motorola, Inc M68ICS08KX Datasheet HTML 35Page - Motorola, Inc M68ICS08KX Datasheet HTML 36Page - Motorola, Inc M68ICS08KX Datasheet HTML 37Page - Motorola, Inc M68ICS08KX Datasheet HTML 38Page - Motorola, Inc M68ICS08KX Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
Support Information
KXICS Theory of Operation
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Support Information
35
When the jumper is set for the PTB6 position, the MCU runs from it’s internal
clock and pin PTB6 of the MCU is connected to the target connector.
When the jumper is set for the CLK position, the Y1 external clock signal from
the KXICS board is applied to the PTB6 pin of the MCU for timing. (An internal
MCU register must be set to control the selection of internal or external clock.)
The external clock, Y1, has an output frequency of 9.8304 MHz to allow the
MCU to communicate at 9600 baud. It is socketed to allow the use of a full-size
or half-size clock. You may change clock frequencies by installing a new clock
chip, however the serial communication rate proportionally changes. W3 may
be used to disable the external clock.
Additionally, the on-board clock is available as an output on the 3-pin header J4
for target or computer host clock synchronization.
3.4.4 Start-Up in Monitor Mode
Following power up the ICS_RST# is held low for a period of time by U8.
When ICS_RST* is asserted high, the binary ripple counter, U3, counts up 1024
clock cycles prior to allowing DELAY RESET to be asserted. The delayed reset
controls the analog switch, U7, connected to PTA1 and PTB[0...1]. The RTS
signal is held high which places the VTST voltage as the high voltage for IRQ*.
Analog switch, U7, connects PTA1 to common, PTB0 to VDD_MCU, and PTB1
to common until DELAY_RESET is asserted. VTST is held above VDD-MCU
+3Vdc during the reset release forcing the KXICS board to power up in the
Monitor Mode.
Following the counter time-out, the analog switch, U7, is toggled so that the
PTA1 and PTB[0...1] pins of the board are connected to the target head
connectors.
Following entry into monitor mode, you may switch the IRQ* voltage to
VDD_MCU by setting RTS low. The analog switch, U14, will switch the
connection of MCU pin 9 from the ICS reset circuitry to a connection to the
target head connector. Be aware that beside disabling the use of external resets
of the MCU, internal MCU features, e.g., the COP must be serviced properly in
this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com