Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08KX Datasheet(PDF) 21 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 21 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 17Page - Motorola, Inc M68ICS08KX Datasheet HTML 18Page - Motorola, Inc M68ICS08KX Datasheet HTML 19Page - Motorola, Inc M68ICS08KX Datasheet HTML 20Page - Motorola, Inc M68ICS08KX Datasheet HTML 21Page - Motorola, Inc M68ICS08KX Datasheet HTML 22Page - Motorola, Inc M68ICS08KX Datasheet HTML 23Page - Motorola, Inc M68ICS08KX Datasheet HTML 24Page - Motorola, Inc M68ICS08KX Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
Preparation and Installation
Hardware Preparation
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Preparation and Installation
21
2.2.3 Installing an MCU on the KXICS
Either of two types of MCUs may be installed on the KXICS board, a DIP-type
or a SOIC-type.
2.2.3.1 DIP-type MCU
1. Place the pin tension arm of the KXICS DIP socket XU1 in the up
position.
2. Install the DIP type MCU into the DIP socket XU1. Be sure that the
pin 1 orientation of the silkscreened dot on the MCU aligns with the
pin 1 location on the DIP socket (upper left pin of the socket).
Table 2-1 KXICS Jumper Header Description
Jumper
Header
Type
(Factory
Default Shown
Description
W1
Low Voltage
Select
Used to set power for the MCU to match various target voltages.(No
default)
Jumper on position 1 & 2:
3.3 V
Jumper on position 3 & 4:
3.0 V
Jumper on position 5 & 6:
2.7 V
Jumper on position 7 & 8
2.2 V
Jumper on position 9 & 10
2.0 V
Jumper on position 11 & 12:
ADJ
W2
MCU Voltage
Select
Selects voltage powering MCU and related circuitry.
Jumper on position 1&2: Regulator Lo V as set by W1, is supplied by
MCU. Labeled LO V.
Jumper on position 3&2: Power supply, 5V Switched, is supplied by
board to MCU. Labeled 5V.
W3
Target Clock
Select
Jumper on position 1&2: supplies KXICS,9.8304 MHz, clock, to MCU
and target via W4.
Jumper on position 3&2: disables Xtal clock output, which will affect the
power-up reset. Labeled 1.
W4
PTB6 Select
Jumper on position 1&2: MCU’s internal clock is supplied to target
cable via PTB6.
Jumper on position 3&2: KXICS Xtal clock is supplied to MCU.
1
2
11
12
1
3
1
3
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com