Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08KX Datasheet(PDF) 22 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 22 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 18Page - Motorola, Inc M68ICS08KX Datasheet HTML 19Page - Motorola, Inc M68ICS08KX Datasheet HTML 20Page - Motorola, Inc M68ICS08KX Datasheet HTML 21Page - Motorola, Inc M68ICS08KX Datasheet HTML 22Page - Motorola, Inc M68ICS08KX Datasheet HTML 23Page - Motorola, Inc M68ICS08KX Datasheet HTML 24Page - Motorola, Inc M68ICS08KX Datasheet HTML 25Page - Motorola, Inc M68ICS08KX Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
User’s Manual
M68ICS08KX In-Circuit Simulator
22
Preparation and Installation
MOTOROLA
Preparation and Installation
3. Place the pin tension arm of the KXICS DIP socket XU1 in the down
position to secure the pins of the MCU to the socket.
NOTE:
The top (label side) of the MCU package must be visible when looking at the
component side of the board.
2.2.3.2 SOIC-type MCU
NOTE:
Installation of a SOIC type MCU requires the use of the SOIC-to-DIP adapter
identified in Table 1-1 of this manual.
1. Place the pin tension arm of the KXICS DIP socket XU1 (Figure 2-1)
in the up position.
2. Install the SOIC-to-DIP adapter into the DIP socket XU1 (Figure
2-1). Be sure that the pin 1 orientation of the adapter aligns with the
pin 1 location on the DIP socket (upper left pin of the DIP socket).
CAUTION:
The SOIC-to-DIP adapter may be confusing to install. It must be placed into the
DIP socket, XU1, with the hinged side of the SOIC shell aligned to the bottom
of the KXICS board. This positioning will place the SOIC-type MCU socket pin
1 in the upper left corner of the SOIC socket.
3. Place the pin tension arm of the KXICS DIP socket XU1 in the down
position to secure the pins of the adapter to the socket.
4. Open the hinged access door on the SOIC shell.
5. Install the SOIC-type MCU into the SOIC socket of the adapter. Be
sure that the pin 1 orientation of the silkscreened dot on the MCU
aligns with the pin 1 location on the SOIC socket (upper left pin of
the socket).
6. Close and secure the hinged access door on the SOIC shell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com