Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08KX Datasheet(PDF) 65 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 65 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 61Page - Motorola, Inc M68ICS08KX Datasheet HTML 62Page - Motorola, Inc M68ICS08KX Datasheet HTML 63Page - Motorola, Inc M68ICS08KX Datasheet HTML 64Page - Motorola, Inc M68ICS08KX Datasheet HTML 65Page - Motorola, Inc M68ICS08KX Datasheet HTML 66Page - Motorola, Inc M68ICS08KX Datasheet HTML 67Page - Motorola, Inc M68ICS08KX Datasheet HTML 68Page - Motorola, Inc M68ICS08KX Datasheet HTML 69Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
User’s Manual
M68ICS08KX In-Circuit Simulator
60
Glossary
MOTOROLA
Glossary
C — An abbreviation for carry/borrow in the condition codes register of the
MC68HC908KX8. When adding two unsigned 8-bit numbers, the C bit
is set if the result is greater than 255 ($FF).
CCR — An abbreviation for condition code register in the MC68HC908KX8.
The CCR has five bits (H, I, N, Z, and C) that can be used to control
conditional branch instructions. The values of the bits in the CCR are
determined by the results of previous operations. For example, after a
load accumulator (LDA) instruction, Z will be set if the loaded value
was $00.
clock — A square wave signal that is used to sequence events in a computer.
command set — The command set of a CPU is the set of all operations that
the CPU knows how to perform. One way to represent an instruction
set is with a set of shorthand mnemonics such as LDA meaning load A.
Another representation of an instruction set is the opcodes that are
recognized by the CPU.
condition codes register — The CCR has five bits (H, I, N, Z, and C) that can
be used to control conditional branch commands. The values of the bits
in the CCR are determined by the results of previous operations. For
example, after a load accumulator (LDA) instruction, Z will be set if
the loaded value was $00.
CPU — Central processor unit. The part of a computer that controls execution
of instructions.
CPU cycles — A CPU clock cycle is one period of the internal bus-rate clock.
Normally, this clock is derived by dividing a crystal oscillator source
by two or more so the high and low times will be equal. The length of
time required to execute an instruction is measured in CPU clock
cycles.
CPU registers — Memory locations that are wired directly into the CPU logic
instead of being part of the addressable memory map. The CPU always
has direct access to the information in these registers. The CPU
registers in an MC68HC908 are A (8-bit accumulator), X (8-bit index
register), CCR (condition code register containing the H, I, N, Z, and C
bits), SP (stack pointer), and PC (program counter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com