Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08KX Datasheet(PDF) 61 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 61 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 57Page - Motorola, Inc M68ICS08KX Datasheet HTML 58Page - Motorola, Inc M68ICS08KX Datasheet HTML 59Page - Motorola, Inc M68ICS08KX Datasheet HTML 60Page - Motorola, Inc M68ICS08KX Datasheet HTML 61Page - Motorola, Inc M68ICS08KX Datasheet HTML 62Page - Motorola, Inc M68ICS08KX Datasheet HTML 63Page - Motorola, Inc M68ICS08KX Datasheet HTML 64Page - Motorola, Inc M68ICS08KX Datasheet HTML 65Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
User’s Manual
M68ICS08KX In-Circuit Simulator
56
Quick Start Hardware Configuration Guide
MOTOROLA
Quick Start Hardware Configuration Guide
NOTE:
Installation of a SOIC type MCU requires the use of the SOIC-to-DIP adapter
identified in Table 1-1 of this manual.
a. Place the pin tension arm of the KXICS DIP socket XU1 in the up
position.
b. Install the SOIC-to-DIP adapter into the DIP socket XU1. Be sure
that the pin 1 orientation of the adapter aligns with the pin 1 location
on the DIP socket (upper left pin of the DIP socket).
CAUTION:
The SOIC-to-DIP adapter may be confusing to install. It must be placed into the
DIP socket, XU1, with the hinged side of the SOIC shell aligned at the bottom
of the KXICS board. This positioning will place the SOIC-type MCU socket pin
1 in the upper left corner of the SOIC socket.
c. Place the pin tension arm of the KXICS DIP socket XU1 in the
down position to secure the pins of the adapter to the socket.
d.
Open the hinged access door on the SOIC shell.
e. Install the SOIC-type MCU into the SOIC socket of the adapter. Be
sure that the pin 1 orientation of the silkscreened dot on the MCU
aligns with the pin 1 location on the SOIC socket (upper left pin of
the socket).
f.
Close and secure the hinged access door on the SOIC shell.
2.
Connect the board to the host PC.
Locate the 9-pin connector labeled J6 on the board. Using the cable
provided, connect it to a serial COM port on the host PC.
3.
Apply power to the board.
Connect the 5-volt power supply to the round connector on the board, J2.
Plug the power supply into an ac power outlet, using one of the
country-specific adapters provided. (The KXICS green power LED on
the board should light when switch SW1 is in the ON position.)
B.3 Installing the Software
For instructions for installing the ICS08 software, refer to P&E Microcomputer
Systems, Inc., M68ICS08KX In-Circuit Simulator Operator’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com