Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA100 Datasheet(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

Part # HA100
Description  Internally amplified helicopter accelerometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

HA100 Datasheet(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  HA100 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Note: Due to continuous process improvement, specifications are subject to change without notice. This document is cleared for public release.
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
An Amphenol Company
buy.wilcoxon.com
www.wilcoxon.com
99369 Rev.A.5 02/21
SPECIFICATIONS
HA100
Internally amplified helicopter
accelerometer
Accessories supplied: 80360-01 mounting stud; calibration data
Key features
• Manufactured in ISO 9001 facility
Sensitivity, ±5%, 25°C
40 mV/g
Acceleration range
80 g peak
Amplitude nonlinearity
1%
Frequency response:
±5%
±10%
±3 dB
2 - 5,000 Hz
1 - 9,000 Hz
0.5 - 14,000 Hz
Resonance frequency, mounted, nominal
30 kHz
Transverse sensitivity, max
5% of axial
Temperature response:
–50°C
+120°C
–20%
+10%
Power requirement:
Voltage source
9 VDC, 700 µA, max.
Electrical noise, equiv. g, nominal:
Broadband  
2.5 Hz to 25 kHz
Spectral
10 Hz
  100 Hz
  1,000 Hz
70 µg
5.0 µg/√Hz
0.8 µg/√Hz
0.5 µg/√Hz
Output impedance
100 Ω
Bias output voltage, nominal
4.2 ±0.5 VDC
Grounding
case isolated
Temperature range
–50° to +120°C
Vibration limit
250 g peak
Shock limit
5,000 g peak
Electromagnetic sensitivity, equiv. g
70 µg/gauss
Weight
70 grams
Case material
316L stainless steel
Mounting
1/4-28 x 0.38” integral stud
Output connector
3-pin, MIL-C-26482 style
Mating connector
R4
Recommended cabling
J9T2, two conductor shielded,
Tefzel® jacket, 30 pF/ft
Connections
Function
Connector pin
9 VDC
A
signal out
B
common
C
Model 766
3 pin
connector
2.12"
0.10"
Safety wire hole
1/4-28
mounting hole
0.85"
dia.
7/8"
hex
Cable
7/8"
hex
Recommended
minimum bend
radius 2"
1.70"
Model 766S
3.70"
3 pin connector
Ø0.75”
7/8” hex
0.38”
1.22”
1.65”
1/4-28
integral stud
Ø0.05” safety
wire hole
(2 places)


Similar Part No. - HA100

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
1.0 - 1.5 GHz Low Noise Amplifier
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
1.1 - 1.7 GHz Low Noise Amplifier
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
1.5 - 1.6 GHz Low Noise Amplifier
logo
Amphenol Wilcoxon Sensi...
HA100V WILCOXON-HA100V Datasheet
294Kb / 1P
Internally amplified velocity sensor
Rev.A 02/21
More results

Similar Description - HA100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMAS40GWB MOTOROLA-MMAS40GWB Datasheet
85Kb / 4P
MICROMACHINED ACCELEROMETER 짹40g AMPLIFIED
XMMAS250G MOTOROLA-XMMAS250G Datasheet
139Kb / 4P
MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
XMMAS250G10D MOTOROLA-XMMAS250G10D Datasheet
139Kb / 4P
MICROMACHINED ACCELEROMETER 짹250g AMPLIFIED
XMMAS500G MOTOROLA-XMMAS500G Datasheet
137Kb / 4P
MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED
XMMAS500G10D MOTOROLA-XMMAS500G10D Datasheet
137Kb / 4P
MICROMACHINED ACCELEROMETER 짹500g AMPLIFIED
logo
List of Unclassifed Man...
SM5812 ETC2-SM5812 Datasheet
216Kb / 4P
Amplified Pressure Sensor
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
Amplified pressure sensors
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
Amplified antennas
logo
Ultralife Corporation.
MRC-67 ULTRALIFE-MRC-67 Datasheet
681Kb / 2P
Amplified Speakers
03 JUL 19
MRC-165 ULTRALIFE-MRC-165 Datasheet
761Kb / 2P
Amplified Speaker
26 Apr 2010 Rev A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com