Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1307 Datasheet(PDF) 3 Page - SYC Electronica

Part # DS1307
Description  64 x 8, Serial, I2C Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DS1307 Datasheet(HTML) 3 Page - SYC Electronica

  DS1307 Datasheet HTML 1Page - SYC Electronica DS1307 Datasheet HTML 2Page - SYC Electronica DS1307 Datasheet HTML 3Page - SYC Electronica DS1307 Datasheet HTML 4Page - SYC Electronica DS1307 Datasheet HTML 5Page - SYC Electronica DS1307 Datasheet HTML 6Page - SYC Electronica DS1307 Datasheet HTML 7Page - SYC Electronica DS1307 Datasheet HTML 8Page - SYC Electronica DS1307 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1307 64 x 8, Serial, I
2C Real-Time Clock
3 of 14
AC ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V; TA = 0°C to +70°C, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
0
100
kHz
Bus Free Time Between a STOP and
START Condition
tBUF
4.7
μs
Hold Time (Repeated) START
Condition
tHD:STA
(Note 4)
4.0
μs
LOW Period of SCL Clock
tLOW
4.7
μs
HIGH Period of SCL Clock
tHIGH
4.0
μs
Setup Time for a Repeated START
Condition
tSU:STA
4.7
μs
Data Hold Time
tHD:DAT
0
μs
Data Setup Time
tSU:DAT
(Notes 5, 6)
250
ns
Rise Time of Both SDA and SCL
Signals
tR
1000
ns
Fall Time of Both SDA and SCL
Signals
tF
300
ns
Setup Time for STOP Condition
tSU:STO
4.7
μs
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Pin Capacitance (SDA, SCL)
CI/O
10
pF
Capacitance Load for Each Bus
Line
CB
(Note 7)
400
pF
Note 1:
All voltages are referenced to ground.
Note 2:
Limits at -40°C are guaranteed by design and are not production tested.
Note 3:
ICCS specified with VCC = 5.0V and SDA, SCL = 5.0V.
Note 4:
After this period, the first clock pulse is generated.
Note 5:
A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH(MIN) of the SCL
signal) to bridge the undefined region of the falling edge of SCL.
Note 6:
The maximum tHD:DAT only has to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
Note 7:
CB—total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com