Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1307 Datasheet(PDF) 7 Page - SYC Electronica

Part # DS1307
Description  64 x 8, Serial, I2C Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DS1307 Datasheet(HTML) 7 Page - SYC Electronica

Back Button DS1307 Datasheet HTML 3Page - SYC Electronica DS1307 Datasheet HTML 4Page - SYC Electronica DS1307 Datasheet HTML 5Page - SYC Electronica DS1307 Datasheet HTML 6Page - SYC Electronica DS1307 Datasheet HTML 7Page - SYC Electronica DS1307 Datasheet HTML 8Page - SYC Electronica DS1307 Datasheet HTML 9Page - SYC Electronica DS1307 Datasheet HTML 10Page - SYC Electronica DS1307 Datasheet HTML 11Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS1307 64 x 8, Serial, I
2C Real-Time Clock
7 of 14
OSCILLATOR CIRCUIT
The DS1307 uses an external 32.768kHz crystal. The oscillator circuit does not require any external resistors or
capacitors to operate. Table 1 specifies several crystal parameters for the external crystal. Figure 1 shows a
functional schematic of the oscillator circuit. If using a crystal with the specified characteristics, the startup time is
usually less than one second.
CLOCK ACCURACY
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match between
the capacitive load of the oscillator circuit and the capacitive load for which the crystal was trimmed. Additional
error will be added by crystal frequency drift caused by temperature shifts. External circuit noise coupled into the
oscillator circuit may result in the clock running fast. Refer to Application Note 58: Crystal Considerations with
Dallas Real-Time Clocks for detailed information.
Table 1. Crystal Specifications*
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
45
k
Ω
Load Capacitance
CL
12.5
pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to
Application Note 58: Crystal Considerations for Dallas Real-Time Clocks for additional specifications.
Figure 2. Recommended Layout for Crystal
RTC AND RAM ADDRESS MAP
Table 2 shows the address map for the DS1307 RTC and RAM registers. The RTC registers are located in address
locations 00h to 07h. The RAM registers are located in address locations 08h to 3Fh. During a multibyte access,
when the address pointer reaches 3Fh, the end of RAM space, it wraps around to location 00h, the beginning of
the clock space.
NOTE: AVOID ROUTING SIGNAL LINES IN THE CROSSHATCHED
AREA (UPPER LEFT QUADRANT) OF THE PACKAGE UNLESS
THERE IS A GROUND PLANE BETWEEN THE SIGNAL LINE AND THE
DEVICE PACKAGE.
LOCAL GROUND PLANE (LAYER 2)
CRYSTAL
X1
X2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com