Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1307 Datasheet(PDF) 1 Page - SYC Electronica

Part # DS1307
Description  64 x 8, Serial, I2C Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DS1307 Datasheet(HTML) 1 Page - SYC Electronica

  DS1307 Datasheet HTML 1Page - SYC Electronica DS1307 Datasheet HTML 2Page - SYC Electronica DS1307 Datasheet HTML 3Page - SYC Electronica DS1307 Datasheet HTML 4Page - SYC Electronica DS1307 Datasheet HTML 5Page - SYC Electronica DS1307 Datasheet HTML 6Page - SYC Electronica DS1307 Datasheet HTML 7Page - SYC Electronica DS1307 Datasheet HTML 8Page - SYC Electronica DS1307 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
REV: 100208
GENERAL DESCRIPTION
The DS1307 serial real-time clock (RTC) is a low-
power, full binary-coded decimal (BCD) clock/calendar
plus 56 bytes of NV SRAM. Address and data are
transferred serially through an I
2C, bidirectional bus.
The clock/calendar provides seconds, minutes, hours,
day, date, month, and year information. The end of
the month date is automatically adjusted for months
with fewer than 31 days, including corrections for leap
year. The clock operates in either the 24-hour or 12-
hour format with AM/PM indicator. The DS1307 has a
built-in power-sense circuit that detects power failures
and automatically switches to the backup supply.
Timekeeping operation continues while the part
operates from the backup supply.
TYPICAL OPERATING CIRCUIT
FEATURES
Real-Time Clock (RTC) Counts Seconds,
Minutes, Hours, Date of the Month, Month, Day of
the week, and Year with Leap-Year
Compensation Valid Up to 2100
56-Byte, Battery-Backed, General-Purpose RAM
with Unlimited Writes
I
2C Serial Interface
Programmable Square-Wave Output Signal
Automatic Power-Fail Detect and Switch Circuitry
Consumes Less than 500nA in Battery-Backup
Mode with Oscillator Running
Optional Industrial Temperature Range:
-40°C to +85°C
Available in 8-Pin Plastic DIP or SO
Underwriters Laboratories (UL) Recognized
PIN CONFIGURATIONS
V
CC
SCL
SDA
X1
X2
V
BAT
GND
SQW/OUT
V
CC
SCL
SDA
X1
X2
V
BAT
GND
SQW/OUT
PDIP (300 mils)
SO (150 mils)
TOP VIEW
ORDERING INFORMATION
PART
TEMP RANGE
VOLTAGE (V) PIN-PACKAGE
TOP MARK*
DS1307+
0°C to +70°C
5.0
8 PDIP (300 mils)
DS1307
DS1307N+
-40°C to +85°C
5.0
8 PDIP (300 mils)
DS1307N
DS1307Z+
0°C to +70°C
5.0
8 SO (150 mils)
DS1307
DS1307ZN+
-40°C to +85°C
5.0
8 SO (150 mils)
DS1307N
DS1307Z+T&R
0°C to +70°C
5.0
8 SO (150 mils) Tape and Reel
DS1307
DS1307ZN+T&R
-40°C to +85°C
5.0
8 SO (150 mils) Tape and Reel
DS1307N
+Denotes a lead-free/RoHS-compliant package.
*A “+” anywhere on the top mark indicates a lead-free package. An “N” anywhere on the top mark indicates an industrial temperature range
device.
DS130
CPU
VCC
VCC
VCC
SDA
SCL
GND
X2
X1
VCC
RPU
RPU
CRYSTAL
SQW/OUT
VBAT
RPU = tr/Cb
DS1307
64 x 8, Serial, I2C Real-Time Clock


Similar Part No. - DS1307

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
64 X 8 Serial Real Time Clock
DS1307 DALLAS-DS1307 Datasheet
225Kb / 14P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307 Datasheet
668Kb / 15P
64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
64 X 8 Serial Real Time Clock
More results

Similar Description - DS1307

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
64 X 8 Serial Real Time Clock
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307_06 Datasheet
668Kb / 15P
64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
I2C Serial Real-Time Clock
REV: 092006
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
64 X 8 Serial Real Time Clock
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com