Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1307 Datasheet(PDF) 12 Page - SYC Electronica

Part # DS1307
Description  64 x 8, Serial, I2C Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DS1307 Datasheet(HTML) 12 Page - SYC Electronica

Back Button DS1307 Datasheet HTML 6Page - SYC Electronica DS1307 Datasheet HTML 7Page - SYC Electronica DS1307 Datasheet HTML 8Page - SYC Electronica DS1307 Datasheet HTML 9Page - SYC Electronica DS1307 Datasheet HTML 10Page - SYC Electronica DS1307 Datasheet HTML 11Page - SYC Electronica DS1307 Datasheet HTML 12Page - SYC Electronica DS1307 Datasheet HTML 13Page - SYC Electronica DS1307 Datasheet HTML 14Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DS1307 64 x 8, Serial, I
2C Real-Time Clock
12 of 14
...
A
XXXXXXXX
A
1101000
S
0
XXXXXXXX
A XXXXXXXX
A
XXXXXXXX
A P
<Slave Address>
<Word Address (n)>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
DATA TRANSFERRED
(X+1 BYTES + ACKNOWLEDGE)
Master to slave
Slave to master
A
XXXXXXXX
A
1101000
S
1
XXXXXXXX
A XXXXXXXX
XXXXXXXX
A P
<Slave Address>
<Data(n)>
<Data(n+1)>
<Data(n+2)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
A - Not Acknowledge (NACK)
DATA TRANSFERRED
(X+1 BYTES + ACKNOWLEDGE); NOTE: LAST DATA BYTE IS
FOLLOWED BY A NOT ACKNOWLEDGE (
A) SIGNAL)
Master to slave
Slave to master
...
A
The DS1307 can operate in the following two modes:
1. Slave Receiver Mode (Write Mode): Serial data and clock are received through SDA and SCL. After
each byte is received an acknowledge bit is transmitted. START and STOP conditions are recognized
as the beginning and end of a serial transfer. Hardware performs address recognition after reception of
the slave address and direction bit (see Figure 4). The slave address byte is the first byte received
after the master generates the START condition. The slave address byte contains the 7-bit DS1307
address, which is 1101000, followed by the direction bit (R/
W), which for a write is 0. After receiving
and decoding the slave address byte, the DS1307 outputs an acknowledge on SDA. After the DS1307
acknowledges the slave address + write bit, the master transmits a word address to the DS1307. This
sets the register pointer on the DS1307, with the DS1307 acknowledging the transfer. The master can
then transmit zero or more bytes of data with the DS1307 acknowledging each byte received. The
register pointer automatically increments after each data byte are written. The master will generate a
STOP condition to terminate the data write.
2. Slave Transmitter Mode (Read Mode): The first byte is received and handled as in the slave receiver
mode. However, in this mode, the direction bit will indicate that the transfer direction is reversed. The
DS1307 transmits serial data on SDA while the serial clock is input on SCL. START and STOP
conditions are recognized as the beginning and end of a serial transfer (see Figure 5). The slave
address byte is the first byte received after the START condition is generated by the master. The slave
address byte contains the 7-bit DS1307 address, which is 1101000, followed by the direction bit (R/
W),
which is 1 for a read. After receiving and decoding the slave address the DS1307 outputs an
acknowledge on SDA. The DS1307 then begins to transmit data starting with the register address
pointed to by the register pointer. If the register pointer is not written to before the initiation of a read
mode the first address that is read is the last one stored in the register pointer. The register pointer
automatically increments after each byte are read. The DS1307 must receive a Not Acknowledge to
end a read.
Figure 4. Data Write—Slave Receiver Mode
Figure 5. Data Read—Slave Transmitter Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com