Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1307 Datasheet(PDF) 5 Page - SYC Electronica

Part # DS1307
Description  64 x 8, Serial, I2C Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DS1307 Datasheet(HTML) 5 Page - SYC Electronica

  DS1307 Datasheet HTML 1Page - SYC Electronica DS1307 Datasheet HTML 2Page - SYC Electronica DS1307 Datasheet HTML 3Page - SYC Electronica DS1307 Datasheet HTML 4Page - SYC Electronica DS1307 Datasheet HTML 5Page - SYC Electronica DS1307 Datasheet HTML 6Page - SYC Electronica DS1307 Datasheet HTML 7Page - SYC Electronica DS1307 Datasheet HTML 8Page - SYC Electronica DS1307 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS1307 64 x 8, Serial, I
2C Real-Time Clock
5 of 14
TYPICAL OPERATING CHARACTERISTICS
(VCC = 5.0V, TA = +25°C, unless otherwise noted.)
ICCS vs. VCC
0
10
20
30
40
50
60
70
80
90
100
110
120
1.0
2.0
3.0
4.0
5.0
VCC (V)
V
BAT=3.0V
IBAT vs. Temperature
175.0
225.0
275.0
325.0
-40
-20
0
20
406080
TEMPERATURE (°C)
V
CC=0V, VBAT=3.0
SQW=32kHz
SQW off
IBAT vs. VBAT
100
150
200
250
300
350
400
2.0
2.5
3.0
3.5
VBACKUP (V)
SQW=32kHz
SQW off
V
CC = 0V
SQW/OUT vs. Supply Voltage
32768
32768.1
32768.2
32768.3
32768.4
32768.5
2.0
2.5
3.03.5
4.04.5
5.0
5.5
Supply (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com