Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VEN...Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TDA4VEN...Q1 Datasheet HTML 1Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 2Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 3Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 4Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 5Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 6Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 7Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 8Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 236 page
background image
• 1× General-Purpose Memory Controller (GPMC)
up to 133MHz
• OSPI/QSPI with DDR / SDR support
– Support for Serial NAND and Serial NOR Flash
– 4GBytes memory address support
– XIP mode with optional on-the-fly encryption
Technology / Package:
• 16-nm FinFET technology
• 18 mm x 18 mm, 0.65-mm pitch with VCA, 594-pin
FCBGA (AMW)
Companion Power Management Solution:
• Functional Safety-Compliant support up to ASIL-B
or SIL-2 targeted
• TPS6522x PMIC
• TPS6287x Stackable, Fast Transient Bucks
2 Applications
• Front camera systems
• Surround View and park assistance systems
• eMirror/Camera Mirror System (CMS)
• Radar and Lidar based automotive perception
systems
3 Description
The TDA4VEN/TDA4AEN (aka, TDA4-Entry) processor family is an extension of the Jacinto™ 7 automotive-
grade family of heterogeneous Arm® processors targeted at Advanced Driver Assistance System (ADAS)
applications. With embedded Deep Learning (DL), Video, Vision Processing, and 3D Graphics acceleration,
display interface and extensive automotive peripheral and networking options, TDA4VEN/TDA4AEN is built
for a set of cost and power sensitive automotive applications such as NCAP front camera or entry-level park
assistance systems. The cost optimized TDA4VEN/TDA4AEN provides an optimized performance compute for
both traditional and deep learning algorithms at industry leading power/performance ratios with a high level of
system integration to enable scalability and lower costs for advanced automotive platforms supporting multiple
sensor modalities in stand-alone Electronic Control Units (ECUs).
TDA4VEN/TDA4AEN contains up to four Arm® Cortex®-A53 cores with 64-bit architecture, a Vision Processing
Accelerator (VPAC) with Image Signal Processor (ISP) and multiple vision assist accelerators, Deep Learning
(DL), Dense Optical Flow (DOF) video and 3D Graphics accelerators, a Cortex®-R5F MCU Island core and two
Cortex®-R5F cores for Device and Run-time Management. The Cortex-A53s provide the powerful computing
elements necessary for Linux applications as well as the implementation of traditional vision computing based
algorithms. Building on the existing world-class ISP, TI’s 7th generation ISP includes flexibility to process a
broader sensor suite including RGB-InfraRed (RGB-IR), support for higher bit depth, and features targeting
analytics applications. Key cores include TI’s Dense Optical Flow (DOF) accelerator as well two “C7x” next
generation DSP with scalar and vector cores, dedicated “MMA” deep learning accelerator combined with a large
2.25MB L2 memory enabling performance up to 4 TOPS within the lowest power envelope in the industry when
operating at the typical automotive worst case junction temperature of 125°C.
TDA4VEN/TDA4AEN integrates high-speed IOs including a PCIe Gen-3 (1L) and 3-port Gigabit Ethernet switch
with one internal port and two external ports with TSN support. In addition, an extensive peripherals set is
included in TDA4VEN/TDA4AEN to enable system level connectivity such as USB, MMC/SD, four CSI2.0
Camera interface, OSPI, CAN-FD and GPMC for parallel host interface to an external ASIC/FPGA. TDA4VEN/
TDA4AEN supports secure boot for IP protection with the built-in HSM (Hardware Security Module) and
employs advanced power management support for power-sensitive applications. Integrated diagnostics and
safety features support operations up to ASIL-B at SoC level, (ASIL-D systematic level).
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
XJ722S5
AMW (FCBGA, 594) with VCA
18mm x 18mm
TDA4VEN...Q1
AMW (FCBGA, 594) with VCA
18mm x 18mm
TDA4AEN...Q1
AMW (FCBGA, 594) with VCA
18mm x 18mm
(1)
For more information, see Mechanical, Packaging, and Orderable Information.
(2)
The package size (length × width) is a nominal value and includes pins, where applicable.
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com