Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VEN...Q1 Datasheet(PDF) 71 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 67Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 68Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 69Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 70Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 71Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 72Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 73Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 74Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 236 page
background image
Table 5-57. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
VDD_CORE
PWR
Core supply
J11, J14, J16, J18,
K11, K12, K14, K16,
K18, K9, L12, L17,
M10, M15, M17, M9,
N10, N11, N14, N16,
N18, P11, P12, P14,
P18, R12, R13, R15,
R17, R9, T13, T15,
T17, T9, U12, U14,
U16, U8, V12, V14,
V16, V19, V8, W19,
Y20, Y21
VDD_MMC0
PWR
MMC0 PHY core supply
W10
VPP
PWR
eFuse ROM programming supply
G9
VSS
GND
Ground
A1, A18, A21, A27,
A4, A7, AA1, AA18,
AA21, AA26, AA4,
AD26, AG1, AG27,
C2, C23, D26, E6,
F15, F16, F17, F2,
F21, G1, G10, G12,
G14, G16, G17, G20,
G3, G5, G8, H14, H4,
H7, J12, J15, J17,
J19, J26, J3, J5, J9,
K1, K13, K15, K17,
K19, L10, L11, L13,
L14, L16, L18, M1,
M11, M14, M16, M18,
M7, M8, N12, N15,
N17, N26, N9, P10,
P13, P15, P17, P19,
P5, P7, R1, R10,
R14, R16, R18, R19,
R4, R7, R8, T10, T12,
T14, T16, T18, T26,
U11, U13, U15, U18,
U19, U3, U7, U9, V1,
V11, V13, V15, V20,
V4, V7, V9, W12,
W14, W17, W20, W5,
W8, Y10, Y14, Y18,
Y7, Y8
(1)
This pin must always be connected via a 1-μF capacitor to VSS.
5.3.22 Reserved
Table 5-58. Reserved Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
RSVD0
N/A
Reserved, must be left unconnected
E9
RSVD1
N/A
Reserved, must be left unconnected
AA19
RSVD2
N/A
Reserved, must be left unconnected
AB7
RSVD3
N/A
Reserved, must be left unconnected
AC5
RSVD4
N/A
Reserved, must be left unconnected
AB10
RSVD5
N/A
Reserved, must be left unconnected
AA12
RSVD6
N/A
Reserved, must be left unconnected
AB12
RSVD7
N/A
Reserved, must be left unconnected
AB13
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com