Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VEN...Q1 Datasheet(PDF) 75 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 71Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 72Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 73Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 74Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 75Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 76Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 77Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 78Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 236 page
background image
5.3.24.4 VMON
Table 5-68. VMON Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
VMON_1P8_SOC
A
Voltage monitor input for 1.8 V SoC power supply
J7
VMON_3P3_SOC
A
Voltage monitor input for 3.3 V SoC power supply
K7
VMON_ER_VSYS
A
Voltage monitor input, fixed 0.45 V (+/-3%) threshold.
Use with external precision voltage divider to monitor a
higher voltage rail such as the PMIC input supply.
G7
5.3.25 TIMER
5.3.25.1 MAIN Domain
Table 5-69. TIMER Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
TIMER_IO0
IO
Timer Inputs and Outputs (not tied to single timer
instance)
C24, H25
TIMER_IO1
IO
Timer Inputs and Outputs (not tied to single timer
instance)
A22, J23
TIMER_IO2
IO
Timer Inputs and Outputs (not tied to single timer
instance)
D22, H20
TIMER_IO3
IO
Timer Inputs and Outputs (not tied to single timer
instance)
C22, H23
TIMER_IO4
IO
Timer Inputs and Outputs (not tied to single timer
instance)
A23, H24
TIMER_IO5
IO
Timer Inputs and Outputs (not tied to single timer
instance)
B22, H22
TIMER_IO6
I
Timer Inputs and Outputs (not tied to single timer
instance)
B24, E22
TIMER_IO7
IO
Timer Inputs and Outputs (not tied to single timer
instance)
A24, B21
5.3.25.2 MCU Domain
Table 5-70. MCU_TIMER Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCU_TIMER_IO0
IO
Timer Inputs and Outputs (not tied to single timer
instance)
B5, D8
MCU_TIMER_IO1
IO
Timer Inputs and Outputs (not tied to single timer
instance)
A10, C5
MCU_TIMER_IO2
IO
Timer Inputs and Outputs (not tied to single timer
instance)
C1
MCU_TIMER_IO3
IO
Timer Inputs and Outputs (not tied to single timer
instance)
B1
5.3.25.3 WKUP Domain
Table 5-71. WKUP_TIMER Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
WKUP_TIMER_IO0
IO
Timer Inputs and Outputs (not tied to single timer
instance)
B2, C4
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com