Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VEN...Q1 Datasheet(PDF) 52 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 48Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 49Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 50Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 51Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 52Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 53Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 54Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 55Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 236 page
background image
Table 5-11. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
DDR0_DQS1
IO
DDRSS Data Strobe
H1
DDR0_DQS1_n
IO
DDRSS Complimentary Data Strobe
J1
DDR0_DQS2
IO
DDRSS Data Strobe
T1
DDR0_DQS2_n
IO
DDRSS Complimentary Data Strobe
U1
DDR0_DQS3
IO
DDRSS Data Strobe
W1
DDR0_DQS3_n
IO
DDRSS Complimentary Data Strobe
Y1
DDR0_RESET0_n
O
DDRSS Reset
U6
(1)
DDRSS implements different signal functions on Column Address Strobe, Row Address Strobe, Chip Select 0, and Chip Select 1
when configured to operate with LPDDR4 memory devices. These signals function as Chip Select 1B, Chip Select 0B, Chip Select 0A,
and Chip Select 1A respectively when DDRSS is configured to operate with LPDDR4 memory devices. For more information, refer to
Section 8.2.1, DDR Board Design and Layout Guidelines.
(2)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
5.3.5 DSI
5.3.5.1 MAIN Domain
Table 5-12. DSITX0 Signal Descriptions
SIGNAL NAME [1] ((2))
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
DSI0_TXCLKN
IO
DSI Differential Transmit Clock Ouput (negative)
AE16
DSI0_TXCLKP
IO
DSI Differential Transmit Clock Ouput (positive)
AE17
DSI0_TXRCALIB (1)
A
DSI pin connected to external resistor for on-chip resistor
calibration
AA16
DSI0_TXN0
IO
DSI Differential Transmit Ouput (negative)
AD17
DSI0_TXN1
IO
DSI Differential Transmit Ouput (negative)
AF15
DSI0_TXN2
IO
DSI Differential Transmit Ouput (negative)
AG14
DSI0_TXN3
IO
DSI Differential Transmit Ouput (negative)
AC18
DSI0_TXP0
IO
DSI Differential Transmit Ouput (positive)
AD18
DSI0_TXP1
IO
DSI Differential Transmit Ouput (positive)
AF16
DSI0_TXP2
IO
DSI Differential Transmit Ouput (positive)
AG15
DSI0_TXP3
IO
DSI Differential Transmit Ouput (positive)
AC19
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
(2)
The functionality of these pins is controlled by DPHY_TX0_CTRL[1:0] LANE_FUNC_SEL. 0x0 = DSI PPI, 0x1 = CSI0 TX.
5.3.6 DSS
5.3.6.1 MAIN Domain
Table 5-13. DSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
VOUT0_DE
O
Video Output Data Enable
AC27
VOUT0_EXTPCLKIN
I
Video Output External Pixel Clock Input
W26
VOUT0_HSYNC
O
Video Output Horizontal Sync
AB24
VOUT0_PCLK
O
Video Output Pixel Clock Output
AC26
VOUT0_VSYNC
O
Video Output Vertical Sync
AB23
VOUT0_DATA0
O
Video Output Data 0
W27
VOUT0_DATA1
O
Video Output Data 1
W25
VOUT0_DATA2
O
Video Output Data 2
W24
VOUT0_DATA3
O
Video Output Data 3
W23
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
52
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com