Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VEN...Q1 Datasheet(PDF) 49 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 45Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 46Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 47Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 48Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 49Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 50Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 51Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 52Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 236 page
background image
Table 5-6. CPTS Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
CP_GEMAC_CPTS0_TS_SYNC
IO
CPTS Time Stamp Counter Bit Output from CPSW3G0
CPTS
D20, J23
CP_GEMAC_CPTS0_HW1TSPUSH
IO
CPTS Hardware Time Stamp Push Input to Time Sync
Router
E19, H20
CP_GEMAC_CPTS0_HW2TSPUSH
IO
CPTS Hardware Time Stamp Push Input to Time Sync
Router
E20, H23
5.3.3 CSI-2
5.3.3.1 MAIN Domain
Table 5-7. CSIRX0 Signal Descriptions
SIGNAL NAME [1] ((2))
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
CSI0_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AC7
CSI0_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AC6
CSI0_RXRCALIB (1)
A
CSI pin connected to external resistor for on-chip resistor
calibration
AB8
CSI0_RXN0
I
CSI Differential Receive Input (negative)
AD6
CSI0_RXN1
I
CSI Differential Receive Input (negative)
AE5
CSI0_RXN2
I
CSI Differential Receive Input (negative)
AF4
CSI0_RXN3
I
CSI Differential Receive Input (negative)
AG3
CSI0_RXP0
I
CSI Differential Receive Input (positive)
AD5
CSI0_RXP1
I
CSI Differential Receive Input (positive)
AE4
CSI0_RXP2
I
CSI Differential Receive Input (positive)
AF3
CSI0_RXP3
I
CSI Differential Receive Input (positive)
AG2
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
(2)
CSI TX functionality is available on the DSI pins. For more information, refer to Section 5.3.5.1.1, DSITX0 Signal Descriptions.
Table 5-8. CSIRX1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
CSI1_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AG6
CSI1_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AG5
CSI1_RXRCALIB (1)
A
CSI pin connected to external resistor for on-chip resistor
calibration
AA10
CSI1_RXN0
I
CSI Differential Receive Input (negative)
AF7
CSI1_RXN1
I
CSI Differential Receive Input (negative)
AE8
CSI1_RXN2
I
CSI Differential Receive Input (negative)
AD9
CSI1_RXN3
I
CSI Differential Receive Input (negative)
AC10
CSI1_RXP0
I
CSI Differential Receive Input (positive)
AF6
CSI1_RXP1
I
CSI Differential Receive Input (positive)
AE7
CSI1_RXP2
I
CSI Differential Receive Input (positive)
AD8
CSI1_RXP3
I
CSI Differential Receive Input (positive)
AC9
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com