Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VEN...Q1 Datasheet(PDF) 115 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 115 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 111Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 112Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 113Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 114Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 115Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 116Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 117Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 118Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 236 page
background image
6.9.4.1.2 MCU_OSC0 LVCMOS Digital Clock Source
Figure 6-20 shows the recommended oscillator connections when MCU_OSC0_XI is connected to a 1.8V
LVCMOS square-wave digital clock source.
Note
1. A DC steady-state condition is not allowed on MCU_OSC0_XI when the oscillator is powered up.
This is not allowed because MCU_OSC0_XI is internally AC coupled to a comparator that can
enter an unknown state when DC is applied to the input. Therefore, application software must
power down MCU_OSC0 any time MCU_OSC0_XI is not toggling between logic states.
 
2. The LVCMOS clock signal sourcing the MCU_OSC0_XI input must have monotonic transitions.
The clock source should be connected to MCU_OSC0_XI with a point-to-point connection,
via a series termination resistor placed near the clock source. The series termination resistor
value should match the clock source output impedance to the transmission line impedance. For
example, the series termination resistor value needs to be 20 ohms if the clock source has an
output impedance of 30 ohms and the PCB signal trace has a characteristic impedance of 50
ohms. This allows the reflection that returns from the far end of the un-terminated transmission
line to be completely absorbed such that is does not introduce any non-monotonic events on the
signal.
 
3. The PCB trace length connecting the LVCMOS clock source to MCU_OSC0_XI should be
minimized. This reduces capacitive loading and decreases probability of external noise sources
coupling into the clock signal. Reduced capacitive loading improves rise/fall times of the clock
signal which reduces the probability of jitter being introduced in the system.
Device
MCU_OSC0_XO
MCU_OSC0_XI
AM65x_MCU_OSC_EXT_CLK_03
PCB Ground
Figure 6-20. 1.8V LVCMOS-Compatible Clock Input
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
115
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com