Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VEN...Q1 Datasheet(PDF) 183 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 183 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 179Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 180Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 181Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 182Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 183Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 184Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 185Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 186Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 236 page
background image
Table 6-91. MMC0 Switching Characteristics – HS400 Mode
see Figure 6-76
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC0_CLK
200
MHz
HS4005
tc(clkH)
Cycle time, MMC0_CLK
5
ns
HS4006
tw(clkH)
Pulse duration, MMC0_CLK high
2.24
ns
HS4007
tw(clkL)
Pulse duration, MMC0_CLK low
2.24
ns
HS4008
tosu(cmdV-clkH)
Output setup time, MMC0_CMD valid to MMC0_CLK rising edge(1)
2.58
ns
HS4009
tosu(dV-clk)
Output setup time, MMC0_DAT[7:0] valid to MMC0_CLK rising or
falling edge(1)
0.60
ns
HS40010
toh(clkH-cmdIV)
Output hold time, MMC0_CLK rising edge to MMC0_CMD invalid(2)
1.12
ns
HS40011
toh(clk-dIV)
Output hold time, MMC0_CLK rising or falling edge to
MMC0_DAT[7:0] invalid(2)
0.85
ns
(1)
This parameter defines the output setup time provided to the attached device. This time is relative to the next capture clock edge and
already includes the maximum propagation delay mismatch value defined in the MMC0 Timing Conditions table. The timing references
for this parameter are from mid-supply of the DAT or CMD signal transition to mid-supply of the CLK signal transition. The eMMC
standard defines the setup timing references from VIL or VIH of the DAT or CMD signal transition to mid-supply of the CLK signal
transition. Therefore, the system designer must consider the impact of the DAT signal slew rate when designing the PCB, and ensure
the time it takes for the DAT signal to slew from mid-supply to VIL or VIH does not erode the setup time margin.
(2)
This parameter defines the output hold time provided to the attached device. This time is relative to the previous launch clock edge and
already includes the maximum propagation delay mismatch value defined in the MMC0 Timing Conditions table. The timing references
for this parameter are from mid-supply of the CLK signal transition to mid-supply of the DAT or CMD signal transition. The eMMC
standard defines the hold timing references from mid-supply of the CLK signal transition to VIL or VIH of the DAT or CMD signal
transition. Therefore, the system designer must consider the impact of the DAT signal slew rate when designing the PCB, and ensure
the time it takes for the DAT signal to slew from VIL or VIH to mid-supply does not erode the hold time margin.
MMC0 CLK
_
MMC0 CMD
_
MMC0 DAT7
_
[ :0]
H 40010
S
H 4009
S
H 4005
S
H 4006
S
H 4007
S
H 40011
S
H 4009
S
H 40011
S
H 4008
S
Figure 6-76. eMMC in – HS400 Mode – Transmitter Mode
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
183
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com