Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VEN...Q1 Datasheet(PDF) 214 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 214 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 210Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 211Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 212Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 213Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 214Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 215Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 216Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 217Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 236 page
background image
7 Detailed Description
7.1 Overview
The TDA4VEN/TDA4AEN (aka, TDA4-Entry) processor family is an extension of the Jacinto™ 7 automotive-
grade family of heterogeneous Arm® processors targeted at Advanced Driver Assistance System (ADAS)
applications. With embedded Deep Learning (DL), Video, Vision Processing, and 3D Graphics acceleration,
display interface and extensive automotive peripheral and networking options, TDA4VEN/TDA4AEN is built
for a set of cost and power sensitive automotive applications such as NCAP front camera or entry-level park
assistance systems. The cost optimized TDA4VEN/TDA4AEN provides an optimized performance compute for
both traditional and deep learning algorithms at industry leading power/performance ratios with a high level of
system integration to enable scalability and lower costs for advanced automotive platforms supporting multiple
sensor modalities in stand-alone Electronic Control Units (ECUs).
Key features and benefits:
• Focus on innovation and fast development with Linux® and Android™ SDKs accompanied with real-time
functional safety and security SDKs.
• Address next wave of HMI designs with new generation of 3D GPU and 4K video acceleration.
• Enhance your design connectivity with an extensive set of automotive and high-speed IOs, including: 4x
CAN-FD, 3-port Gigabit Ethernet switch (two external ports) with TSN support, and two USB2.0 ports.
• Supports the latest cybersecurity requirements with the built-in Hardware Security Module (HSM).
• Provides intelligent features, such as: facial recognition and touchless HMI with Arm® Cortex®-A53 CPUs
and open-source AI software and tools
The TDA4VEN/TDA4AEN processors comply with the AEC - Q100 automotive standard and support industrial-
grade. ASIL-B and SIL-2 functional safety requirements can be addressed using an integrated Arm Cortex-R5F
core and dedicated peripherals, which can all be isolated from the rest of the processor.
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
214
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com