Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VEN...Q1 Datasheet(PDF) 223 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 223 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 219Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 220Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 221Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 222Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 223Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 224Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 225Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 226Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 236 page
background image
8.3 Clock Routing Guidelines
8.3.1 Oscillator Routing
When designing the printed-circuit board:
• Place all crystal circuit components as close as possible to the respective device pins.
• Route the crystal circuit traces on the outer layer of the PCB and minimize trace lengths to reduce parasitic
capacitance and minimize crosstalk from other signals.
• Place a continuous ground plane on the adjacent layer of the PCB such that it is under all crystal circuit
components and crystal circuit traces.
• Route a ground guard around the crystal circuit components to shield it from any adjacent signals routed on
the same layer as the crystal circuit traces. Insert multiple vias to stitch down the ground guard such that it
does not have any unterminated stubs.
• Route a ground guard between the MCU_OSC0_XI and MCU_OSC0_XO signals to shield the
MCU_OSC0_XI signal from the MCU_OSC0_X0 signal. Insert multiple vias to stitch down the ground guard
such that it does not have any unterminated stubs.
• Connect all crystal circuit ground connections and ground guard connections directly to the adjacent layer
ground plane, and the device VSS ground plane if they are implemented separately on different layers of the
PCB.
Note
Implementing a ground guard between the MCU_OSC0_XI and MCU_OSC0_XO signals is critical
to minimize shunt capacitance between the two signals. Routing these two signals adjacent to each
other without a ground guard between them will effectively reduce the gain of the oscillator amplifier,
which reduces its ability to start oscillation.
Device
MCU_OSC0_XI
MCU_OSC0_XO
GND vias
GND guard
GND vias
GND plane
Figure 8-6. MCU_OSC0 PCB requirements
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
223
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com