Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VEN...Q1 Datasheet(PDF) 231 Page - Texas Instruments

Part # TDA4VEN...Q1
Description  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VEN...Q1 Datasheet(HTML) 231 Page - Texas Instruments

Back Button TDA4VEN...Q1 Datasheet HTML 227Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 228Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 229Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 230Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 231Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 232Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 233Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 234Page - Texas Instruments TDA4VEN...Q1 Datasheet HTML 235Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 236 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
12-Dec-2024
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TDA4AEN8J5AAMWRQ1
ACTIVE
FCBGA
AMW
594
750
RoHS & Green
Call TI
Level-3-250C-168 HR
-40 to 125
TDA4AEN
8J5A Q1
Samples
TDA4AEN8K5AAMWRQ1
ACTIVE
FCBGA
AMW
594
750
RoHS & Green
Call TI
Level-3-250C-168 HR
-40 to 125
TDA4AEN
8K5A Q1
Samples
TDA4VEN8J5AAMWRQ1
ACTIVE
FCBGA
AMW
594
750
RoHS & Green
Call TI
Level-3-250C-168 HR
-40 to 125
TDA4VEN
8J5A Q1
Samples
TDA4VEN8K5AAMWRQ1
ACTIVE
FCBGA
AMW
594
750
RoHS & Green
Call TI
Level-3-250C-168 HR
-40 to 125
TDA4VEN
8K5A Q1
Samples
XTDA4AENXX5AAMW
ACTIVE
FCBGA
AMW
594
1
TBD
Call TI
Call TI
-40 to 125
Samples
XTDA4VENXX5AAMW
ACTIVE
FCBGA
AMW
594
1
TBD
Call TI
Call TI
-40 to 125
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com