Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EP Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # PPC405EP
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button PPC405EP Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
10
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
Serial Interface
One 8-pin UART and one 2-pin (Tx and Rx only) UART interface provided
Internal serial clock to allows a wide range of baud rates
Register compatibility with NS16750 register set
Complete status reporting capability
Transmitter and receiver are each buffered with 16-byte FIFOs when in FIFO mode
Fully programmable serial-interface characteristics
Supports DMA using internal DMA engine
IIC Bus Interface
Compliant with Phillips® Semiconductors I2C Specification, dated 1995
Operation at 100kHz or 400kHz
•8-bit data
10- or 7-bit address
Slave transmitter and receiver
Master transmitter and receiver
Multiple bus masters
Supports fixed VDD IIC interface
Two independent 4 x 1 byte data buffers
Twelve memory-mapped, fully programmable configuration registers
One programmable interrupt request signal
Provides full management of all IIC bus protocol
Programmable error recovery
General Purpose IO (GPIO) Controller
Controller functions and GPIO registers are programmed and accessed via memory-mapped OPB bus
master accesses
All GPIOs are pin-shared with other functions. DCRs control whether a particular pin that has GPIO capabil-
ities acts as a GPIO or is used for another purpose.
Each GPIO output is separately programmable to emulate an open-drain driver (i.e., drives to zero, three-
stated if output bit is 1)
Universal Interrupt Controller (UIC)
The Universal Interrupt Controller (UIC) provides the control, status, and communications necessary between the
various sources of interrupts and the local PowerPC processor.
Features include:
Supports seven external and 19 internal interrupts
Edge-triggered or level-sensitive
Positive or negative active
Non-critical or critical interrupt to processor core
Programmable critical interrupt priority ordering
Programmable critical interrupt vector for faster vector processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com