Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EP Datasheet(PDF) 45 Page - Applied Micro Circuits Corporation

Part # PPC405EP
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP Datasheet(HTML) 45 Page - Applied Micro Circuits Corporation

Back Button PPC405EP Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 49Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
45
Data Sheet
Table 14. I/O Specifications—Group 1 (Sheet 1 of 2)
Notes:
1. PCI timings are for asynchronous operation up to 66.66MHz. PCI output hold time requirement is 1ns for 66.66MHz and 2ns
for 33.33MHz.
2. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard. Timing shown is with EMAC noise filter
selected. See the CPC0_EPCTL register PowerPC 405EP Embedded Processor User’s Manual.
3. For PCI, IOH is specified at 0.9OVDD and IOL is specified at 0.1OVDD. For all other interfaces, IOH is specified at 2.4V and IOL
is specified at 0.4V.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
IOH
(min)
IOL
(min)
PCI Interface
PCIAD31:00
3
0
6
1
0.5
1.5
PCIClk
1
PCIC3:0/BE3:0
30
6
1
0.5
1.5
PCIClk
1
PCIClk
na
na
na
na
na
na
async
PCIDevSel
30
6
1
0.5
1.5
PCIClk
1
PCIFrame
30
6
1
0.5
1.5
PCIClk
1
PCIGnt0/Req
PCIGnt1:2
na
na
6
1
0.5
1.5
PCIClk
1
PCIIDSel
3
0
nananana
PCIClk
1
PCIINT[PerWE]
na
na
na
na
0.5
1.5
PCIClk
1
PCIIRDY
30
6
1
0.5
1.5
PCIClk
1
PCIParity
3
0
6
1
0.5
1.5
PCIClk
1
PCIPErr
30
6
1
0.5
1.5
PCIClk
1
PCIReq0/Gnt
PCIReq1:2
5
0
na
na
na
na
PCIClk
1
PCIReset
na
na
na
na
0.5
1.5
PCIClk
1
PCISErr
na
na
na
na
0.5
1.5
PCIClk
1
PCIStop
30
6
1
0.5
1.5
PCIClk
1
PCITRDY
30
6
1
0.5
1.5
PCIClk
1
Ethernet Interface
EMC0MDClk
na
na
settable
2
10.3
7.1
async
2
EMC0MDIO
100
0
1 OPB clock
period + 10ns
1 OPB clock
period
10.3
7.1
EMC0MDClk
2
EMC0Tx0:1D3:0
na
na
14
5
10.3
7.1
PHY0TxClk
2
EMC0Tx0:1En
na
na
14
5
10.3
7.1
PHY0TxClk
2
EMC0Tx0:1Err
na
na
14
5
10.3
7.1
PHY0TxClk
2
PHY0Col0:1
2
3
na
na
na
na
PHY0RxClk
2
PHY0CrS0:1
2
3
na
na
na
na
PHY0RxClk
2
PHY0Rx0:1Clk
na
na
na
na
na
na
async
2
PHY0Rx0:1D3:0
2
4
na
na
na
na
PHY0RxClk
2
PHY0Rx0:1DV
2
4
nananana
PHY0RxClk
2
PHY0Rx0:1Err
2
4
na
na
na
na
PHY0RxClk
2
PHY0Tx0:1Clk
na
na
na
na
na
na
async
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com