Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EP Datasheet(PDF) 46 Page - Applied Micro Circuits Corporation

Part # PPC405EP
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP Datasheet(HTML) 46 Page - Applied Micro Circuits Corporation

Back Button PPC405EP Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 50Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
46
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
Internal Peripheral Interface
IICSCL
na
na
na
na
15.3
10.2
IICSDA
na
na
na
na
15.3
10.2
UART0_CTS
na
na
na
na
na
na
UART0_RTS
na
na
na
na
10.3
7.1
UART0_Rx
na
na
nananana
UART0_Tx
na
na
na
na
10.3
7.1
UART1_Rx
na
na
nananana
UART1_Tx
na
na
na
na
10.3
7.1
Interrupts Interface
[IRQ0:6]
10.3
7.1
JTAG Interface
TCK
na
na
nananana
async
TDI
na
na
na
na
na
na
async
TDO
na
na
na
na
10.3
7.1
async
TMS
na
na
nananana
async
TRST
na
na
na
na
na
na
async
System Interface
GPIO00:31
na
na
na
na
10.3
7.1
Halt
na
na
na
na
na
na
async
SysErr
na
na
na
na
10.3
7.1
async
SysReset
na
na
na
na
10.3
7.1
async
TestEn
na
na
na
na
na
na
async
[RejectPkt0:1]
3
1
na
na
na
na
async
SysClk
na
na
na
na
na
na
Table 14. I/O Specifications—Group 1 (Sheet 2 of 2)
Notes:
1. PCI timings are for asynchronous operation up to 66.66MHz. PCI output hold time requirement is 1ns for 66.66MHz and 2ns
for 33.33MHz.
2. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard. Timing shown is with EMAC noise filter
selected. See the CPC0_EPCTL register PowerPC 405EP Embedded Processor User’s Manual.
3. For PCI, IOH is specified at 0.9OVDD and IOL is specified at 0.1OVDD. For all other interfaces, IOH is specified at 2.4V and IOL
is specified at 0.4V.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
IOH
(min)
IOL
(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com