Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EP Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # PPC405EP
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  PPC405EP Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
4
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
Ordering, PVR, and JTAG Information
This section provides the part number nomenclature. For availability, contact your local AMCC sales office.
The part number contains a part modifier. Included in the modifier is a revision code. This refers to the die mask
revision number and is specified in the part numbering scheme for identification purposes only.
The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain
information that uniquely identifies the part. Refer to the PowerPC 405EP Embedded Processor User’s Manual for
details on accessing these registers.
Order Part Number Key
Product Name
Order Part Number1, 2
Processor
Frequency
Package
Rev
Level
PVR Value
JTAG ID
PPC405EP
PPC405EP-3GB133C
133MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3GB133CZ
133MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3LB133C
133MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3LB133CZ
133MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3GB200C
200MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3GB200CZ
200MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3LB200C
200MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3LB200CZ
200MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3GB266C
266MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3GB266CZ
266MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3LB266C
266MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3LB266CZ
266MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3GB333C
333MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3GB333CZ
333MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3LB333C
333MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
PPC405EP
PPC405EP-3LB333CZ
333MHz
31mm, 385 ball E-PBGA
B
0x51210950
0x20267049
Notes: 1. Z at the end of the Order Part Number indicates a tape and reel shipping package. Otherwise, the chips are shipped in a tray.
2. Package type G contains lead; package type L is lead-free.
Part Number
PPC405EP-3GB333Cx
Package
Processor Speed (MHz)
Grade 3 Reliability
Operational Case Temperature
Shipping Package
Blank = Tray
Z = Tape and reel
(-40°C to +85°C)
Range
Revision Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com