Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EP Datasheet(PDF) 33 Page - Applied Micro Circuits Corporation

Part # PPC405EP
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP Datasheet(HTML) 33 Page - Applied Micro Circuits Corporation

Back Button PPC405EP Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 37Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
33
Data Sheet
SDRAM Interface
MemData00:31
Memory data bus.
Notes:
1. MemData00 is the most significant bit (msb).
2. MemData31 is the least significant bit (lsb).
I/O
3.3V LVTTL
MemAddr12:00
Memory address bus.
Notes:
1. MemAddr12 is the most significant bit (msb).
2. MemAddr00 is the least significant bit (lsb).
O
3.3V LVTTL
BA1:0
Bank Address supporting up to 4 internal banks.
O
3.3V LVTTL
RAS
Row Address Strobe.
O
3.3V LVTTL
CAS
Column Address Strobe.
O
3.3V LVTTL
DQM0:3
DQM for byte lane: 0 (MemData00:7),
1 (MemData08:15),
2 (MemData16:23), and
3 (MemData24:31)
O
3.3V LVTTL
BankSel0:1
Select up to two external SDRAM banks.
O
3.3V LVTTL
WE
Write Enable.
O
3.3V LVTTL
ClkEn0:1
SDRAM Clock Enable.
O
3.3V LVTTL
MemClkOut0:1
Two copies of an SDRAM clock allows, in some cases, glueless
SDRAM attach without requiring this signal to be repowered by a PLL
or zero-delay buffer.
O
3.3V LVTTL
External Slave Peripheral Interface
PerData00:15
Peripheral data bus.
Note: PerData00 is the most significant bit (msb) on this bus.
I/O
5V tolerant
3.3V LVTTL
1
PerAddr03:05
PerAddr06:31
Peripheral address bus.
Note: PerAddr03 is the most significant bit (msb) on this bus.
I/O
5V tolerant
3.3V LVTTL
1
PerWBE0:1
These pins act as byte-enables which are valid for an entire cycle or
as write-byte-enables which are valid for each byte on each data
transfer, allowing partial word transactions.
O
5V tolerant
3.3V LVTTL
7
[PerWE]
Peripheral write enable. Low when either of the two PerWBE0:1 write
byte enables are low.
To access this function, software must toggle a DCR bit.
O
5V tolerant
3.3V LVTTL
PerCS0
Peripheral chip select bank 0.
O
5V tolerant
3.3V LVTTL
7
[PerCS1:4]
Four additional peripheral chip selects
To access this function, software must toggle a DCR bit.
O
5V tolerant
3.3V LVTTL
1, 7
PerOE
Peripheral output enable.
O
5V tolerant
3.3V LVTTL
7
PerR/W
Peripheral read/write. High indicates a read from memory, low
indicates a write to memory.
O
5V tolerant
3.3V LVTTL
Table 6. Signal Functional Description (Sheet 3 of 6)
Secondary multiplexed signals are shown in brackets.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 30.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com