Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC400C Datasheet(PDF) 48 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400C Datasheet(HTML) 48 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400C Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 52Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
48
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Signal Functional Description (Sheet 1 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V, 10kΩ to 5V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes
PCI-X Interface
PCIXAD00:63
Address/Data bus (bidirectional).
I/O
3.3V PCI
PCIXC0:7[BE0:7]
PCI-X Command[Byte Enables]
.
I/O
3.3V PCI
PCIXCap
Capable of PCI-X operation.
I
5V tolerant
3.3V LVTTL
5
PCIX133Cap
PCI-X devices are 133 MHz capable.
O
3.3V PCI
PCIXClk
Provides timing to the PCI interface for PCI transactions.
Note:If the PCI-X interface is not being used, drive this pin with a
3.3V clock signal at a frequency between 1 and 66MHz
I
3.3V PCI
PCIXDevSel
Indicates the driving device has decoded its address as the target
of the current access.
I/O
3.3V PCI
4
PCIXFrame
Driven by the current master to indicate beginning and duration of
an access.
I/O
3.3V PCI
4
PCIXGnt0
Indicates that the specified agent is granted access to the bus.
I/O
3.3V PCI
4
PCIXGnt1
Indicates that the specified agent is granted access to the bus.
I/O
3.3V PCI
4
PCIXGnt2:5
Indicates that the specified agent is granted access to the bus.
O
3.3V PCI
PCIXIDSel
Used as a chip select during configuration read and write
transactions.
I
3.3V PCI
5
PCIXINT
Level sensitive PCI interrupt.
O
3.3V PCI
PCIXIRDY
Indicates initiating agent’s ability to complete the current data
phase of the transaction.
I/O
3.3V PCI
4
PCIXM66En
Capable of 66MHz operation.
I
5V tolerant
3.3V LVTTL
5
PCIXParHigh
Even parity across PCIAD32:63 and PCIXC0:3[BE4:7].
I/O
3.3V PCI
PCIXParLow
Even parity across PCIAD0:31 and PCIXC0:3[BE0:3].
I/O
3.3V PCI
PCIXPErr
Reports data parity errors during all PCI transactions except a
Special Cycle.
I/O
3.3V PCI
4
PCIXReq0
An indication to the PCI-X arbiter that the specified agent wishes
to use the bus.
I/O
3.3V PCI
4
PCIXReq1:5
An indication to the PCI-X arbiter that the specified agent wishes
to use the bus.
I
3.3V PCI
4
PCIXReq64
Asserted by the current bus master, indicating a 64-bit transfer.
I/O
3.3V PCI
4
PCIXAck64
Indicates the target can transfer data using 64 bits.
I/O
3.3V PCI
4
PCIXReset
Brings PCI device registers and logic to a consistent state.
O
3.3V PCI
PCIXSErr
Reports address parity errors, data parity errors on the Special
Cycle command, or other catastrophic system errors.
I/O
3.3V PCI
4
PCIXStop
Indicates the current target is requesting the master to stop the
current transaction.
I/O
3.3V PCI
4
PCIXTRDY
Indicates the target agent’s ability to complete the current data
phase of the transaction.
I/O
3.3V PCI
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com