Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC400C Datasheet(PDF) 59 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400C Datasheet(HTML) 59 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 63Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
59
Revision 1.07 – October 4, 2007
Data Sheet
Case Temperature rating for C package
TC
-40
+85
°C6
Case Temperature rating E for C package
TC
-40
+105
°C6
Case Temperature rating E for F package
TC
-40
+100
°C6
Notes:
1. PCI-X drivers meet PCI-X specifications.
2. SVREF = SVDD/2
3. The analog voltages used for the on-chip PLLs can be derived from the logic voltage, but must be filtered before entering the
PPC440GP. See “Absolute Maximum Ratings” on page 55.
4. During chip power-up, OVDD should begin to ramp before VDD. External voltage should not be applied to the chip I/O pins before
OVDD is applied to the chip. A power-down cycle should complete (OVDD and VDD should both be below 0.4V) before a new power-
up cycle is started.
5. LPDL is least positive down level; MPUL is most positive up level.
6. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board.
Input Capacitance
Parameter
Symbol
Maximum
Unit
Notes
Group 1 (2.5V SSTL I/O)
CIN1
12
pF
Group 2 (5V tolerant LVTTL I/O)
CIN2
12
pF
Group 3 (PCI-X I/O)
CIN3
12
pF
Group 4 (Receivers)
CIN4
9pF
DC Power Supply Loads
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
VDD (1.8V) active operating current
IDD
915
mA
2
OVDD (3.3V) active operating current
IODD
125
mA
2
SVDD (2.5V) active operating current
ISDD
560
mA
2
AxVDD (1.8 V) input current
IADD
33
mA
1, 2
Notes:
1. See “Absolute Maximum Ratings” on page 55 for filter recommendations.
2. The current values listed above are not guaranteed to be the highest obtainable. These values are dependent on many factors including
the type of applications running, clock rates, use of internal functional capabilities, external interface usage, case temperature, and the
power supply voltages. Your specific application can produce significantly different results. VDD (logic) current and power are primarily
dependent on the applications running and the use of internal chip functions (DMA, PCI, Ethernet, and so on). OVDD (I/O) current and
power are primarily dependent on the capacitive loading, frequency, and utilization of the external buses.
Recommended DC Operating Conditions (Continued)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com