Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC400C Datasheet(PDF) 65 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400C Datasheet(HTML) 65 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400C Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 69Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
65
Revision 1.07 – October 4, 2007
Data Sheet
I/O Specifications—All Speeds (Sheet 1 of 4)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133MHz. PCI-X input setup time requirement is 1.2ns for 133MHz and
1.7ns for 66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66MHz. PCI output hold time
requirement is 1ns for 66MHz and 2ns for 33MHz.
3. The clock frequency for RMII operation is 50MHz ± 100ppm.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
PCI-X Interface
PCIXAD00:63
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXC3:0[BE3:0]
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXParLow
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIParHigh
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXFrame
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXINT
na
na
dc
dc
0.5
1.5
PCIXClk
async
PCIXIRDY
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXTRDY
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXStop
Note 2 (3
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXDevSel
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXIDSel
Note 2 (3)
0.5 (0)
na
na
na
na
PCIXClk
2
PCIXPErr
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXSErr
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXClk
dc
dc
na
na
na
na
async
PCIXReset
na
na
na
na
na
na
PCIXClk
PCIXReq64
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXAck64
Note 2 (3)
0.5 (0)
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2
PCIXCap
Note 2 (3)
0.5 (0)
na
na
na
na
PCIXClk
2
PCIX133Cap
3.8
0.7
0.5
1.5
PCIXClk
2
PCIXM66En
Note 2 (3)
0.5 (0)
na
na
na
na
PCIXClk
2
PCIXReq0:5
Note 2 (3)
0.5 (0)
na
na
na
na
PCIXClk
2
PCIXGnt0:5
na)
na
3.8 (6)
0.7 (Note 2)
0.5
1.5
PCIXClk
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com