Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC400C Datasheet(PDF) 53 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400C Datasheet(HTML) 53 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 57Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
53
Revision 1.07 – October 4, 2007
Data Sheet
System Interface
SysClk
Main system clock input.
Clock
5V tolerant
3.3V LVTTL
SysErr
Set to 1 when a machine check is generated.
O
5V tolerant
3.3V LVTTL
SysReset
Main system reset. External logic can drive this bidirectional pin
low (minimum of 16 cycles) to initiate a system reset. A system
reset can also be initiated by software. The signal is implemented
as an open-drain output (two states; 0 or open circuit).
During chip power-up, this signal must be low from the start of VDD
ramp-up until at least 16 SysClk cycles after VDD is stable.
I/O
5V tolerant
3.3V LVTTL
1, 2
TmrClk
Processor timer external input clock.
I
5V tolerant
3.3V LVTTL
Halt
Halt from external debugger.
I
5V tolerant
3.3V LVTTL
1, 4
GPIO00:31
General purpose I/O 0 through 10. To access these functions,
software must set DCR register bits.
I/O
5V tolerant
3.3V LVTTL
TestEn
Test Enable.
I
1.8V CMOS
w/pull-down
3
RcvrInh
Receiver Inhibit. Active only when TestEn is active.
I
5V tolerant
3.3V LVTTL
RefVEn
Reference Voltage Enable. Do not connect for normal operation.
Pull up for Boundary Scan Description Language (BSDL) testing.
I
1.8V CMOS
w/pull-down
DrvrInh1:2
Driver Inhibit. Used for test purposes only. Tie up for normal
operation
I
5V tolerant
3.3V LVTTL
2
Signal Functional Description (Sheet 6 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V, 10kΩ to 5V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com