Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GP-3CC400C Datasheet(PDF) 74 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400C Datasheet(HTML) 74 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 78Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
74
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
DDR SDRAM Read Operation
The following examples of timing for DDR SDRAM read operations are based on the relationship between the
incoming data and the PLB clock signal. Since the PLB clock cannot be directly observed, the delay of
MemClkOut(0) relative to the PLB clock (TMD) is provided.
The internal Read Clock signal, like MemClkOut0, is derived from the PLB clock and can be delayed relative to the
PLB clock by programming the RDCT and RDCD fields in the SDRAM0_TR1 register. The delay can be
programmed from 0 to 1/2 cycle in steps using RDCT. Setting RDCD results in a 1/2 cycle delay plus the value set
in RDCT. The delay of Read Clock relative to the PLB clock (TRD) shown below assumes the programmable Read
Clock delay is set to zero.
I/O Timing—DDR SDRAM TSD and THD
Notes:
1. TSD and THD are measured under worst case conditions.
2. The time values in the table include 1/4 of a cycle at the indicated clock speed.
3. To obtain adjusted TSD and THD values for lower clock frequencies, subtract 1.875 ns from the values in the table and add
1/4 of the cycle time for the lower clock frequency (e.g., TSD - 1.875 + 0.25TCYC).
Clock Speed (MHz)
Signal Names
Reference Signal
TSD (ns)
THD (ns)
133
MemData00:07, DM0
DQS0
1.375
1.375
133
MemData08:15, DM1
DQS1
1.375
1.375
133
MemData16:23, DM2
DQS2
1.375
1.375
133
MemData24:31, DM3
DQS3
1.375
1.375
133
MemData32:39, DM4
DQS4
1.375
1.375
133
MemData40:47, DM5
DQS5
1.375
1.375
133
MemData48:55, DM6
DQS6
1.375
1.375
133
MemData56:63, DM7
DQS7
1.375
1.375
133
ECC0:7, DM8
DQS8
1.375
1.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com